Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 26Page - STMicroelectronics L9300 Datasheet HTML 27Page - STMicroelectronics L9300 Datasheet HTML 28Page - STMicroelectronics L9300 Datasheet HTML 29Page - STMicroelectronics L9300 Datasheet HTML 30Page - STMicroelectronics L9300 Datasheet HTML 31Page - STMicroelectronics L9300 Datasheet HTML 32Page - STMicroelectronics L9300 Datasheet HTML 33Page - STMicroelectronics L9300 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 178 page
background image
TRK outputs are short to battery protected to avoid reverse current into VDD1 pin: in case the protection is
triggered a diagnostic bit is set in the dedicated SPI register.
An out of regulation comparator is implemented: this comparator senses when the internal current limitation
circuitry is activated to regulate properly the output voltage due to either a low drop condition or an overcurrent
condition. Once out of regulation condition is detected a flag is set in SPI registers and latched until read. The
diagnostic is not masked during power-up phase.
TRK regulators have a thermal protection with thermal sensors shared with VDD2 regulator. In case the
temperature threshold is reached and the out of regulation flag is set, only the regulator in fault condition is turned
off and a dedicated diagnostic bit is set. Once the sensed temperature is decreased below the shutdown
threshold plus a thermal hysteresis, the regulator is automatically turned on with soft start function. T_SD_TRK is
the bit that latches the thermal shutdown and it is cleared on SPI read.
A dedicated disable SPI bit TRKn_DIS (default condition: track enabled) is present and it can be used to avoid
thermal on/off oscillations in case the short on output pin cannot be removed.
Figure 14. TRK regulators
TRK1
X
VBATP
Control
loop
X
Driver
TRK1
TRK_SEL
VDD1
GADG1107170903PS
8.5.2
WSI configuration
Functional description
If TRK_SEL pin is grounded, the device provides 4-wheel speed sensor interfaces on TRKn pins: the status of
each sensor is reported to the microcontroller via the SPI. The input signal of an active sensor is a rectangular
signal with variable pulse width and output currents of 2 levels (7/14 mA) or 3 levels (7/14/28 mA) depending on
the sensor itself. The sensor types are standard active 2-level wheel speed sensors (7/14 mA).
A simplified block diagram of the interface is shown below. The interface supply is given on the VDD1 pin. The
circuitry consists of a power interface that mirrors current flowing in the external sensor and transmits this current
information to the decoder, which produces a digital value for each remote sensor channel. Decoded data are
then output through the Remote Sensor Data Registers (WSIRSDRx). Received signals can be processed to the
corresponding discrete logic output pin DOUT1-DOUT4. The power interface also contains error detection
circuitry; when a fault is detected, the error code is stored in a global SPI data buffer in the Remote Sensor Data
Registers (WSIRSDRx).
L9300
Power supply
DS12258 - Rev 5
page 30/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com