Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 123 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 119Page - STMicroelectronics L9300 Datasheet HTML 120Page - STMicroelectronics L9300 Datasheet HTML 121Page - STMicroelectronics L9300 Datasheet HTML 122Page - STMicroelectronics L9300 Datasheet HTML 123Page - STMicroelectronics L9300 Datasheet HTML 124Page - STMicroelectronics L9300 Datasheet HTML 125Page - STMicroelectronics L9300 Datasheet HTML 126Page - STMicroelectronics L9300 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 178 page
background image
TRKFAULT
TRK-CAN FAULT
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Address:
GLOBAL_BaseAddress + 0x9
Type:
R
Reset:
0b00000000000000
Description:
TRK-CAN FAULT stores Tracking regulator and CAN interface faults plus echo of CAN and regulators configuration
pins
NOTE: As monitors are working also during startup phases, when voltage levels cannot be stable, it can happen that
some fault bit are set to “1” after POR. To avoid false diagnosis when the device is fully functional, it is suggested to
read this register once after the startup in order to clean it.
[19] CAN RX PERMANENT REC:
0: No fault
1: CAN RX permanent recessive
Reset events: POR, DATA READ, CAN ERROR HANDLING DIS
[18] CAN PERMANENT DOM:
0: No fault
1: CAN BUS permanent dominant
Reset events: POR, DATA READ, CAN ERROR HANDLING DIS
[17] CAN PERMANENT REC:
0: No fault
1: CAN BUS permanent recessive
Reset events: POR, DATA READ, CAN ERROR HANDLING DIS
[16] CAN DOMINANT TX TO:
0: No fault
1: TO exceed
Reset events: POR, DATA READ, CAN ERROR HANDLING DIS
[15] ASIC configuration:
0: Full operation
1: Reduced stby consumption
Reset events: POR
[14] VDD1_SEL echo:
0: 5V output voltage
1: 6.5V output voltage
Reset events: POR
L9300
SPI interface and register mapping
DS12258 - Rev 5
page 123/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com