Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 136 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 132Page - STMicroelectronics L9300 Datasheet HTML 133Page - STMicroelectronics L9300 Datasheet HTML 134Page - STMicroelectronics L9300 Datasheet HTML 135Page - STMicroelectronics L9300 Datasheet HTML 136Page - STMicroelectronics L9300 Datasheet HTML 137Page - STMicroelectronics L9300 Datasheet HTML 138Page - STMicroelectronics L9300 Datasheet HTML 139Page - STMicroelectronics L9300 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 178 page
background image
EXCEPTIONS
Exceptions
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Address:
Channel_X_BaseAddress + 0x00
Type:
R
Reset:
0b0000 0000 0000 0000 0000
Description:
Exceptions Register packs information related to the driver status
The “behavior on exception” is conceived to avoid “automatic” driver restart after exception removal.
Action on exception consists in “TRISTATING” driver.
The driver operation can only be recovered by explicitly write DRVENA = 1.
GPOExc[5:0] and SPIExc[5:0] signals are generated by ORing exception bits.
NOTE: As monitors are working also during startup phases, when voltage levels can not be stable, it can happen that
some fault bit are set to “1” after POR. To avoid false diagnosis when the device is fully functional, it is suggested to
read this register once after the startup in order to clean it.
[19:16] unused
[15] T_WARN: Thermal Warning - Active high - Channel thermal sensor has exceeded “thermal warning threshold”.
0: no fault
1: Thermal warning
Reset events: POR, DATA READ
Actions on set: No actions related to this bit.
Behavior: Read operation would reset bit status if channel temperature is below “thermal warning threshold”.
[14] CRC error on CSA Compensation data:
0: No CRC Error.
1: CRC Error
Reset events: POR
[13] CRC error on A2D trimming bits:
0: No CRC Error
1: CRC Error
Reset events: POR
L9300
SPI interface and register mapping
DS12258 - Rev 5
page 136/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com