Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 165 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 165 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 161Page - STMicroelectronics L9300 Datasheet HTML 162Page - STMicroelectronics L9300 Datasheet HTML 163Page - STMicroelectronics L9300 Datasheet HTML 164Page - STMicroelectronics L9300 Datasheet HTML 165Page - STMicroelectronics L9300 Datasheet HTML 166Page - STMicroelectronics L9300 Datasheet HTML 167Page - STMicroelectronics L9300 Datasheet HTML 168Page - STMicroelectronics L9300 Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 178 page
background image
20.3
TQFP80 (14x14x1 mm. exp. pad down) package information
Figure 74. TQFP80 (14x14x1 mm. exp. pad down) package outline
(N – 4)x e
A1
A2
A
b
C
H
D
D
E1
E
A
A
A
B
D1
E1/4
ccc C
ddd M
D
A-B
0.05
1
2
N
3
D2
D3
4x N/4 TIPS
E1/4
E3 E2
D1/4
aaa C A-B D
bbb H
4x
A-B D
Section B-B
not to scale
(b)
b1
c1
c
WITH PLATING
BASE METAL
Bottom view
Top view
Section A-A
not to scale
θ2
θ1
θ
θ3
S
R1
R2
PLANE
GAUGE
B
B
L
(L1)
GADG2906170849PS
13
13
14
14
15
6
2
5
3
3
5
2
4
4
11
11
11
11
9
16
12
10
2
6
D1/4
3
11
Table 70. TQFP80 (14x14x1 mm. exp. pad down) package mechanical data
Symbol
Min.
Nom.
Max.
Note
Ө
0°
3.5°
7°
Ө1
0°
-
-
Ө2
10°
12°
14°
Ө3
10°
12°
14°
L9300
Package information
DS12258 - Rev 5
page 165/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com