Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 26Page - Renesas Technology Corp RA4C1 Datasheet HTML 27Page - Renesas Technology Corp RA4C1 Datasheet HTML 28Page - Renesas Technology Corp RA4C1 Datasheet HTML 29Page - Renesas Technology Corp RA4C1 Datasheet HTML 30Page - Renesas Technology Corp RA4C1 Datasheet HTML 31Page - Renesas Technology Corp RA4C1 Datasheet HTML 32Page - Renesas Technology Corp RA4C1 Datasheet HTML 33Page - Renesas Technology Corp RA4C1 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 97 page
background image
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
1
2
3
4
5
6
7
8
9
Frequency [MHz]
Normal mode (peripheral clocks enabled, cache disabled)
Sleep mode (peripheral clocks enabled, cache disabled)
Note. Average value of the testedmiddle samplesduringproduct evaluation(typical condition).
Figure 2.4
Frequency dependency in Middle-speed mode (reference data)
2.2.6
VCC Rise and Fall Gradient and Ripple Frequency
Table 2.17
Rise and fall gradient characteristics
Conditions: VCC = AVCC0 = 0 to 3.6 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Power-on VCC
rising gradient
Voltage monitor 0 reset disabled at startup
SrVCC
0.02
—
2
ms/V
—
Voltage monitor 0 reset enabled at startup*1 *2
—
SCI/SWD boot mode*2
2
Note 1. When OFS1.LVDAS = 0.
Note 2. At boot mode, the reset from voltage monitor 0 is disabled regardless of the value of OFS1.LVDAS bit.
Table 2.18
Rising and falling gradient and ripple frequency characteristics
Conditions: VCC = AVCC0 = 1.6 to 3.6 V
The ripple voltage must meet the allowable ripple frequency fr(VCC) within the range between the VCC upper limit (3.6 V) and lower limit (1.6
V).
When the VCC change exceeds VCC ± 10%, the allowable voltage change rising and falling gradient dt/dVCC must be met.
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Allowable ripple frequency
fr(VCC)
—
—
10
kHz
Figure 2.5
Vr (VCC) ≤ VCC × 0.2
—
—
1
MHz
Figure 2.5
Vr (VCC) ≤ VCC × 0.08
—
—
10
MHz
Figure 2.5
Vr (VCC) ≤ VCC × 0.06
Allowable voltage change rising and
falling gradient
dt/dVCC
1.0
—
—
ms/V
When VCC change exceeds VCC ± 10%
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 30 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com