Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RA4C1 Datasheet HTML 1Page - Renesas Technology Corp RA4C1 Datasheet HTML 2Page - Renesas Technology Corp RA4C1 Datasheet HTML 3Page - Renesas Technology Corp RA4C1 Datasheet HTML 4Page - Renesas Technology Corp RA4C1 Datasheet HTML 5Page - Renesas Technology Corp RA4C1 Datasheet HTML 6Page - Renesas Technology Corp RA4C1 Datasheet HTML 7Page - Renesas Technology Corp RA4C1 Datasheet HTML 8Page - Renesas Technology Corp RA4C1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 97 page
background image
1.
Overview
The MCU integrates multiple series of software- and pin-compatible Arm®-based 32-bit cores that share a common set of
Renesas peripherals to facilitate design scalability and efficient platform-based product development.
The MCU in this series incorporates a high-performance Arm Cortex®-M33 core running up to 80 MHz with the following
features:
● Up to 512 KB code flash memory
● 96 KB SRAM
● Quad Serial Peripheral Interface (QSPI)
● Analog peripherals
● Security and safety features
1.1
Function Outline
Table 1.1
Arm core
Feature
Functional description
Arm Cortex-M33 core
● Maximum operating frequency: up to 80 MHz
● Arm Cortex-M33 core:
– Armv8-M architecture with security extension
– Revision: r0p4-00rel1
● Arm Memory Protection Unit (Arm MPU)
– Protected Memory System Architecture (PMSAv8)
– Secure MPU (MPU_S): 8 regions
– Non-secure MPU (MPU_NS): 8 regions
● SysTick timer
– Embeds two Systick timers: Secure and Non-secure instance
– Driven by SysTick timer clock (SYSTICCLK) or system clock (ICLK)
● CoreSight™ ETM-M33
Table 1.2
Memory
Feature
Functional description
Code flash memory
Maximum 512 KB of code flash memory.
Data flash memory
8 KB of data flash memory.
Option-setting memory
The option-setting memory determines the state of the MCU after a reset.
SRAM
On-chip high-speed SRAM with either parity bit or Error Correction Code (ECC).
Table 1.3
System (1 of 2)
Feature
Functional description
Operating modes
Two operating modes:
● Single-chip mode
● SCI/SWD boot mode
Resets
The MCU provides 13 resets.
RA4C1 Datasheet
1. Overview
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 2 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com