Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 20Page - Renesas Technology Corp RA4C1 Datasheet HTML 21Page - Renesas Technology Corp RA4C1 Datasheet HTML 22Page - Renesas Technology Corp RA4C1 Datasheet HTML 23Page - Renesas Technology Corp RA4C1 Datasheet HTML 24Page - Renesas Technology Corp RA4C1 Datasheet HTML 25Page - Renesas Technology Corp RA4C1 Datasheet HTML 26Page - Renesas Technology Corp RA4C1 Datasheet HTML 27Page - Renesas Technology Corp RA4C1 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 97 page
background image
Note 1. Specification under conditions where the duty factor ≤ 70%.
The output current value that has changed to the duty factor > 70% the duty ratio can be calculated with the following expression
(when changing the duty factor from 70% to n%).
Total output current of pins = (IOH × 0.7)/(n × 0.01)
<Example> Where n = 80% and IOH = −30.0 mA
Total output current of pins = (−30.0 × 0.7)/(80 × 0.01)
≅ −26.2 mA
However, the current that is allowed to flow into one pin does not vary depending on the duty factor.
2.2.4
I/O VOH, VOL, and Other Characteristics
Table 2.6
I/O VOH, VOL (1)
Conditions: VCC = AVCC0 = 2.7 to 3.6 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Output voltage
P400, P401
VOH
VCC − 0.27
—
—
V
IOH = −3.0 mA
VCC − 0.8
—
—
IOH = −4.0 mA
Ports P000 to P004, P010,
P011
VOH
AVCC0 − 0.8
—
—
IOH = −4.0 mA
Output pins except for P000
to P004 and P010, P011,
P400, P401*1
VOH
VCC − 0.8
—
—
IOH = −4.0 mA
P400, P401
VOL
—
—
0.27
IOL = 3.0 mA
—
0.4
—
IOL = 20 mA
(ICFER.FMPE = 1)
—
—
0.8
IOL = 8.0 mA
P301, P302
VOL
—
0.4
—
IOL = 20 mA
(ICFER.FMPE = 1)
—
—
0.8
IOL = 8.0 mA
Ports P000 to P004, P010,
P011
VOL
—
—
0.8
IOL = 8.0 mA
Output pins except for P000
to P004 and P010, P011,
P301, P302, P400, P401*1
VOL
—
—
0.8
IOL = 8.0 mA
Note 1. Except for Ports P200, P214, P215, and RTCIC0, which are input ports.
Table 2.7
I/O VOH, VOL (2)
Conditions: VCC = AVCC0 = 1.8 to 2.7 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Output
voltage
Ports P000 to P004, P010, P011 VOH
AVCC0 − 0.5
—
—
V
IOH = −1.0 mA
Output pins except for P000 to
P004 and P010, P011*1
VOH
VCC − 0.5
—
—
IOH = −1.0 mA
P301, P302, P400, P401
VOL
—
0.4
—
IOL = 3.0 mA
—
0.6
—
IOL = 6.0 mA
—
—
0.4
IOL = 0.6 mA
Ports P000 to P004, P010, P011 VOL
—
—
0.4
IOL = 0.6 mA
Output pins except for P000 to
P004 and P010, P011, P301,
P302, P400, P401*1
VOL
—
—
0.4
IOL = 0.6 mA
Note 1. Except for Ports P200, P214, P215, and RTCIC0, which are input ports.
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 24 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com