Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 31Page - Renesas Technology Corp RA4C1 Datasheet HTML 32Page - Renesas Technology Corp RA4C1 Datasheet HTML 33Page - Renesas Technology Corp RA4C1 Datasheet HTML 34Page - Renesas Technology Corp RA4C1 Datasheet HTML 35Page - Renesas Technology Corp RA4C1 Datasheet HTML 36Page - Renesas Technology Corp RA4C1 Datasheet HTML 37Page - Renesas Technology Corp RA4C1 Datasheet HTML 38Page - Renesas Technology Corp RA4C1 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 97 page
background image
Table 2.25
Operation frequency in low-speed mode
Conditions: VCC = AVCC0 = 1.6 to 3.6 V
Parameter
Symbol
Min
Typ
Max*4
Unit
Operation
frequency
System clock (ICLK)*1 *2
1.6 to 3.6 V
f
0.03277
—
1
MHz
Peripheral module clock (PCLKA)
1.6 to 3.6 V
—
—
1
Peripheral module clock (PCLKB)
1.6 to 3.6 V
—
—
1
Peripheral module clock (PCLKC)*3
1.6 to 3.6 V
—
—
1
Peripheral module clock (PCLKD)
1.6 to 3.6 V
—
—
1
Flash IF clock (FCLK)
1.6 to 3.6 V
—
—
1
Note 1. The lower-limit frequency of ICLK is 1 MHz while programming or erasing the flash memory. When using ICLK for programming or
erasing the flash memory at below 4 MHz, the frequency can be set to 1 MHz, 2 MHz, or 3 MHz. A non-integer frequency such as
1.5 MHz cannot be set.
Note 2. The frequency accuracy of ICLK must be ± 1.0% during programming or erasing the flash memory. Confirm the frequency accuracy
of the clock source.
Note 3. The lower-limit frequency of PCLKC is 1 MHz when the ADC12 is in use.
Note 4. The maximum value of operation frequency does not include internal oscillator errors. For details on the range for guaranteed
operation, see Table 2.27.
Table 2.26
Operation frequency in Subosc-speed mode
Conditions: VCC = AVCC0 = 1.6 to 3.6 V
Parameter
Symbol
Min
Typ
Max
Unit
Operation
frequency
System clock (ICLK)*1
1.6 to 3.6 V
f
27.8528
32.768
37.6832
kHz
Peripheral module clock (PCLKA)
1.6 to 3.6 V
—
—
37.6832
Peripheral module clock (PCLKB)
1.6 to 3.6 V
—
—
37.6832
Peripheral module clock (PCLKC)
1.6 to 3.6 V
—
—
37.6832
Peripheral module clock (PCLKD)*2
1.6 to 3.6 V
—
—
37.6832
Flash IF clock (FCLK)
1.6 to 3.6 V
—
—
37.6832
Note 1. Programming and erasing the flash memory is not possible.
Note 2. The ADC12 cannot be used.
2.3.2
Clock Timing
Table 2.27
Clock timing (1 of 2)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
EXTAL external clock input cycle time
tXcyc
50
—
—
ns
Figure 2.6
EXTAL external clock input high pulse width
tXH
20
—
—
ns
EXTAL external clock input low pulse width
tXL
20
—
—
ns
EXTAL external clock rising time
tXr
—
—
5
ns
EXTAL external clock falling time
tXf
—
—
5
ns
EXTAL external clock input wait time*1
tEXWT
0.3
—
—
µs
—
EXTAL external clock input frequency
fEXTAL
—
—
20
MHz
1.8 ≤ VCC ≤ 3.6
—
—
4
1.6 ≤ VCC < 1.8
Main clock oscillator oscillation frequency
fMAIN
1
—
20
MHz
1.8 ≤ VCC ≤ 3.6
1
—
4
1.6 ≤ VCC < 1.8
LOCO clock oscillation frequency
fLOCO
27.853
32.77
37.683
kHz
—
LOCO clock oscillation stabilization time
tLOCO
—
—
100
µs
Figure 2.7
IWDT-dedicated clock oscillation frequency
fILOCO
12.75
15
17.25
kHz
—
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 35 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com