Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 74Page - Renesas Technology Corp RA4C1 Datasheet HTML 75Page - Renesas Technology Corp RA4C1 Datasheet HTML 76Page - Renesas Technology Corp RA4C1 Datasheet HTML 77Page - Renesas Technology Corp RA4C1 Datasheet HTML 78Page - Renesas Technology Corp RA4C1 Datasheet HTML 79Page - Renesas Technology Corp RA4C1 Datasheet HTML 80Page - Renesas Technology Corp RA4C1 Datasheet HTML 81Page - Renesas Technology Corp RA4C1 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 97 page
background image
2.12
Segment LCD Controller Characteristics
2.12.1
External Resistance Division Method
(1) Static display mode
Table 2.62
External resistance division method LCD characteristics (1)
Conditions: VL4 (Min) ≤ VCC = AVCC ≤ 3.6 V, VSS = AVSS = 0 V
Parameter
Symbol
Min
Typ
Max
Unit
Test
conditions
LCD drive voltage
VL4
2.0
—
VCC
V
—
(2) 1/2 bias method, 1/4 bias method
Table 2.63
External resistance division method LCD characteristics (2)
Conditions: VL4 (Min) ≤ VCC = AVCC ≤ 3.6 V, VSS = AVSS = 0 V
Parameter
Symbol
Min
Typ
Max
Unit
Test
conditions
LCD drive voltage
VL4
2.7
—
VCC
V
—
(3) 1/3 bias method
Table 2.64
External resistance division method LCD characteristics (3)
Conditions: VL4 (Min) ≤ VCC = AVCC ≤ 3.6 V, VSS = AVSS = 0 V
Parameter
Symbol
Min
Typ
Max
Unit
Test
conditions
LCD drive voltage
VL4
2.5
—
VCC
V
—
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 78 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com