Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 53Page - Renesas Technology Corp RA4C1 Datasheet HTML 54Page - Renesas Technology Corp RA4C1 Datasheet HTML 55Page - Renesas Technology Corp RA4C1 Datasheet HTML 56Page - Renesas Technology Corp RA4C1 Datasheet HTML 57Page - Renesas Technology Corp RA4C1 Datasheet HTML 58Page - Renesas Technology Corp RA4C1 Datasheet HTML 59Page - Renesas Technology Corp RA4C1 Datasheet HTML 60Page - Renesas Technology Corp RA4C1 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 97 page
background image
Table 2.41
QSPI timing (2 of 2)
Parameter
Symbol
Min
Max
Unit
Test conditions
Data input
setup time
2.4 V ≤ VCC ≤ 3.6 V
tSu
10
—
ns
Figure 2.40
1.8 V ≤ VCC < 2.4 V
15
—
ns
1.6 V ≤ VCC < 1.8 V
15
—
ns
Data input
hold time
1.8 V ≤ VCC < 3.6 V
tIH
0
—
ns
1.6 V ≤ VCC < 1.8 V
4
—
ns
QSSL
setup time
2.4 V ≤ VCC ≤ 3.6 V
tSu
(N + 0.5) × tQscyc − 9*1
(N + 0.5) × tQscyc +
100*1
ns
1.8 V ≤ VCC < 2.4 V
(N + 0.5) × tQscyc − 15*1
(N + 0.5) × tQscyc +
100*1
ns
1.6 V ≤ VCC < 1.8 V
(N + 0.5) × tQscyc − 24*1
(N + 0.5) × tQscyc +
100*1
ns
QSSL hold
time
1.8 V ≤ VCC ≤ 3.6 V
tLAG
(N + 0.5) × tQscyc − 5*2
(N + 0.5) × tQscyc +
100*2
ns
1.6 V ≤ VCC < 1.8 V
(N + 0.5) × tQscyc − 8*2
(N + 0.5) × tQscyc +
100*2
ns
Data
output
delay
2.4 V ≤ VCC ≤ 3.6 V
tOD
—
9
ns
1.8 V ≤ VCC < 2.4 V
—
16
ns
1.6 V ≤ VCC < 1.8 V
—
24
ns
Data
output hold
time
1.8 V ≤ VCC ≤ 3.6 V
tOH
−3.3
—
ns
1.6 V ≤ VCC < 1.8 V
−6.3
—
ns
Successive transmission delay
tTD
1
16
tQScyc
Note:
tPcyc: PCLKA cycle.
Note 1. N is set to 0 or 1 in SFMSLD.
Note 2. N is set to 0 or 1 in SFMSHD.
tQScyc
QSPCLK output
tQSWH
tQSWL
Figure 2.39
QSPI clock timing
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 57 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com