Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 68Page - Renesas Technology Corp RA4C1 Datasheet HTML 69Page - Renesas Technology Corp RA4C1 Datasheet HTML 70Page - Renesas Technology Corp RA4C1 Datasheet HTML 71Page - Renesas Technology Corp RA4C1 Datasheet HTML 72Page - Renesas Technology Corp RA4C1 Datasheet HTML 73Page - Renesas Technology Corp RA4C1 Datasheet HTML 74Page - Renesas Technology Corp RA4C1 Datasheet HTML 75Page - Renesas Technology Corp RA4C1 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 97 page
background image
Table 2.57
Power-on reset circuit and voltage detection circuit characteristics (2) (2 of 2)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Hysteresis width (LVD0, LVD1 and LVD2)
VLVH
—
60
—
mV
LVD0 selected
—
70
—
Vdet1_0 to Vdet1_5 selected
—
60
—
Vdet1_6 to Vdet1_7 selected
—
50
—
Vdet1_8 to Vdet1_B selected
—
70
—
LVD2 selected
Note 1. When OFS1.LVDAS = 0.
Note 2. When OFS1.LVDAS = 1.
Note 3. The minimum VCC down time indicates the time when VCC is below the minimum value of voltage detection levels VPOR, Vdet0,
Vdet1, and Vdet2 for the POR/LVD.
Internal reset signal
(active-low)
VCC
tVOFF
tPOR
tdet
VPOR
tdet
1.0 V
Figure 2.47
Voltage detection reset timing
Internal reset signal
(active-low)
VCC
tPOR
VPOR
1.0 V
tw(POR)
*1
tdet
Note 1. tw(POR) is the time required for a power-on reset to be enabled while the external power VCC is being held below the
valid voltage (1.0 V).
When VCC turns on, maintain tw(POR) for 1.0 ms or more.
Figure 2.48
Power-on reset timing
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 72 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com