Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 41Page - Renesas Technology Corp RA4C1 Datasheet HTML 42Page - Renesas Technology Corp RA4C1 Datasheet HTML 43Page - Renesas Technology Corp RA4C1 Datasheet HTML 44Page - Renesas Technology Corp RA4C1 Datasheet HTML 45Page - Renesas Technology Corp RA4C1 Datasheet HTML 46Page - Renesas Technology Corp RA4C1 Datasheet HTML 47Page - Renesas Technology Corp RA4C1 Datasheet HTML 48Page - Renesas Technology Corp RA4C1 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 97 page
background image
2.3.8
SCI Timing
Table 2.37
SCI timing (1) (1 of 2)
Conditions: VCC = AVCC0 = 1.6 to 3.6 V
Parameter
Symbol
Min
Max
Unit
Test
conditions
SCI
Input clock cycle
Asynchronous
2.7 V ≤ VCC ≤ 3.6 V
tScyc
75
—
ns
Figure 2.24
2.4 V ≤ VCC < 2.7 V
150
—
1.8 V ≤ VCC < 2.4 V
300
—
1.6 V ≤ VCC < 1.8 V
1000
—
Clock
synchronous
2.7 V ≤ VCC ≤ 3.6 V
100
—
2.4 V ≤ VCC < 2.7 V
200
—
1.8 V ≤ VCC < 2.4 V
400
—
1.6 V ≤ VCC < 1.8 V
1500
—
Input clock pulse width
tSCKW
0.4
0.6
tScyc
Input clock rise time
tSCKr
—
10
ns
Input clock fall time
tSCKf
—
10
ns
Output clock cycle
Asynchronous
2.7 V ≤ VCC ≤ 3.6 V
tScyc
75 (exclude SCI1)
100 (SCI1)
—
ns
2.4 V ≤ VCC < 2.7 V
150 (exclude SCI1)
200 (SCI1)
—
1.8 V ≤ VCC < 2.4 V
300 (exclude SCI1)
400 (SCI1)
—
1.6 V ≤ VCC < 1.8 V
1500 (exclude SCI1)
2000 (SCI1)
—
Clock
synchronous
1.8 V ≤ VCC ≤ 3.6 V
75
—
2.4 V ≤ VCC < 2.7 V
150
—
1.8 V ≤ VCC < 2.4 V
300
—
1.6 V ≤ VCC < 1.8 V
1000
—
Output clock pulse width
tSCKW
0.4
0.6
tScyc
Output clock rise time
1.8 V ≤ VCC ≤ 3.6 V
tSCKr
—
7.5
ns
1.6 V ≤ VCC < 1.8 V
—
30
Output clock fall time
1.8 V ≤ VCC ≤ 3.6 V
tSCKf
—
7.5
ns
1.6 V ≤ VCC < 1.8 V
—
30
Transmit data
delay time
(master)
Clock
synchronous
2.7 V ≤ VCC ≤ 3.6 V
tTXD
—
25
ns
Figure 2.25
2.4 V ≤ VCC < 2.7 V
—
30
1.8 V ≤ VCC < 2.4 V
—
65
1.6 V ≤ VCC < 1.8 V
—
110
Transmit data
delay time (slave)
Clock
synchronous
1.8 V ≤ VCC ≤ 3.6 V
—
35
ns
2.4 V ≤ VCC < 2.7 V
—
40
1.8 V ≤ VCC < 2.4 V
—
65
1.6 V ≤ VCC < 1.8 V
—
95
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 45 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com