Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 36Page - Renesas Technology Corp RA4C1 Datasheet HTML 37Page - Renesas Technology Corp RA4C1 Datasheet HTML 38Page - Renesas Technology Corp RA4C1 Datasheet HTML 39Page - Renesas Technology Corp RA4C1 Datasheet HTML 40Page - Renesas Technology Corp RA4C1 Datasheet HTML 41Page - Renesas Technology Corp RA4C1 Datasheet HTML 42Page - Renesas Technology Corp RA4C1 Datasheet HTML 43Page - Renesas Technology Corp RA4C1 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 97 page
background image
Table 2.30
Timing of recovery from low power modes (2)
Parameter
Symbol
Min Typ
Max
Unit
Test conditions
Recovery
time from
Software
Standby
mode*1
Middle
speed
mode
Crystal resonator
connected to main
clock oscillator
System clock source is
main clock oscillator (20
MHz)*2 *4
tSBYMC
—
2.1
2.7
ms
Figure 2.15
External clock input
to main clock
oscillator
System clock source is
main clock oscillator (20
MHz)*3 *4
VCC = 1.8 V to 3.6 V
tSBYEX
—
6
7.4
µs
System clock source is
main clock oscillator (4
MHz)*3 *5
VCC = 1.6 V to 1.8 V
—
7.3
8.8
µs
System clock
source is HOCO
(32 MHz) *4
VCC = 1.8 V to 3.6 V*6
tSBYHO
—
10
13
µs
VCC = 1.6 V to 1.8 V*7
—
13
16
System clock
source is MOCO (8
MHz)
VCC = 1.8 V to 3.6 V*8
tSBYMO
—
3.5
5.1
µs
VCC = 1.6 V to 1.8 V*9
—
6.3
8.7
Note 1. The division ratio of ICLK, FCLK and PCLKx is the minimum division ratio within the allowable frequency range. The recovery time
is determined by the system clock source.
Note 2. The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 0x05.
Note 3. The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 0x00.
Note 4. The ICLK is 5 MHz (20 MHz/4)
Note 5. The ICLK is 4 MHz
Note 6. The ICLK is 8 MHz (32 MHz/4)
Note 7. The ICLK is 4 MHz (32 MHz/8)
Note 8. The ICLK is 8 MHz
Note 9. The ICLK is 4 MHz (8 MHz/2)
Table 2.31
Timing of recovery from low power modes (3)
Parameter
Symbol
Min Typ
Max
Unit
Test conditions
Recovery
time from
Software
Standby
mode*1
Low speed
mode
Crystal resonator
connected to main
clock oscillator
System clock source is
main clock oscillator (20
MHz)*2 *4
tSBYMC
—
2.1
2.7
ms
Figure 2.15
External clock input
to main clock
oscillator
System clock source is
main clock oscillator (20
MHz)*3 *4
tSBYEX
—
41
46
µs
System clock source is MOCO (8 MHz)*5
tSBYMO
—
23
30
µs
Note 1. The division ratio of ICLK, FCLK and PCLKx is the minimum division ratio within the allowable frequency range. The recovery time
is determined by the system clock source.
Note 2. The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 0x05.
Note 3. The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 0x00.
Note 4. The ICLK is 0.625 MHz (20/32 MHz)
Note 5. The ICLK is 1 MHz (8 MHz/8)
Table 2.32
Timing of recovery from low power modes (4)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Recovery time
from Software
Standby mode*1
Subosc-speed mode
System clock source
is sub-clock oscillator
(32.768 kHz)
tSBYSC
—
0.8
0.9
ms
Figure 2.15
System clock source is
LOCO (32.768 kHz)
tSBYLO
—
0.8
1
ms
Note 1. The sub-clock oscillator or LOCO itself continues oscillating in Software Standby mode during Subosc-speed mode.
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 40 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com