Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 14Page - Renesas Technology Corp RA4C1 Datasheet HTML 15Page - Renesas Technology Corp RA4C1 Datasheet HTML 16Page - Renesas Technology Corp RA4C1 Datasheet HTML 17Page - Renesas Technology Corp RA4C1 Datasheet HTML 18Page - Renesas Technology Corp RA4C1 Datasheet HTML 19Page - Renesas Technology Corp RA4C1 Datasheet HTML 20Page - Renesas Technology Corp RA4C1 Datasheet HTML 21Page - Renesas Technology Corp RA4C1 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 97 page
background image
2.
Electrical Characteristics
Unless otherwise specified, minimum and maximum values are guaranteed by either design simulation, characterization
results or test in production.
Supported peripheral functions and pins differ from one product name to another.
Unless otherwise specified, the electrical characteristics of the MCU are defined under the following conditions:
VCC*1 = AVCC0 = 1.6 to 3.6 V, VRTC = 1.6 to 3.6 V, VREFH0 = 1.6 V to AVCC0
VSS = AVSS0 = VREFL0 = 0 V, Ta = Topr
Note 1. The typical condition is set to VCC = 3.3 V.
Figure 2.1 shows the timing conditions.
For example, P300
C
VOH = VCC × 0.7, VOL = VCC × 0.3
VIH = VCC × 0.7, VIL = VCC × 0.3
Load capacitance C = 30 pF
Figure 2.1
Input or output timing measurement conditions
The measurement conditions of the timing specifications for each peripheral are recommended for the best peripheral
operation. However, make sure to adjust driving abilities for each pin to meet the conditions of your system.
2.1
Absolute Maximum Ratings
Table 2.1
Absolute maximum ratings (1 of 2)
Parameter
Symbol
Value
Unit
Power supply voltage
VCC
-0.5 to +4.0
V
RTC power supply voltage
VRTC
-0.5 to +4.0
V
Input voltage
5V-tolerant ports*1
Vin
-0.3 to +6.5
V
P000 to P004, P010, P011
Vin
-0.3 to AVCC0 + 0.3
V
P214, P215, RTCIC0
Vin
-0.3 to VRTC + 0.3
V
Others
Vin
-0.3 to VCC + 0.3
V
Reference power supply voltage
VREFH0
-0.3 to +4.0
V
Analog power supply voltage
AVCC0*2
-0.5 to +4.0
V
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 18 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com