Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 23Page - Renesas Technology Corp RA4C1 Datasheet HTML 24Page - Renesas Technology Corp RA4C1 Datasheet HTML 25Page - Renesas Technology Corp RA4C1 Datasheet HTML 26Page - Renesas Technology Corp RA4C1 Datasheet HTML 27Page - Renesas Technology Corp RA4C1 Datasheet HTML 28Page - Renesas Technology Corp RA4C1 Datasheet HTML 29Page - Renesas Technology Corp RA4C1 Datasheet HTML 30Page - Renesas Technology Corp RA4C1 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 97 page
background image
Note:
Supply current is the total current flowing into VCC and VRTC. Supply current values are with all output pins unloaded and all input
pull-up MOSs in the off state.
Note:
This does not include the BGO operation.
Note:
The clock source is LOCO.
Note 1. PCLKA, PCLKB, PCLKC, and PCLKD are set to divided by 64 (512 Hz).
Table 2.14
Software Standby mode current
Parameter
Symbol
Typ
Max
Unit
Test conditions
All SRAMs (0x2000_00 00 to 0x2001_7FFF)
are on
Ta = 25 °C
ICC
1.79
—
µA
—
Ta = 55 °C
5.82
—
Ta = 85 °C
22.1
—
Ta = 105 °C
50.7
—
Only 16 KB SRAM (0x2000_0000 to
0x2000_3FFF) is on
Ta = 25 °C
1.73
—
Note:
Supply current values do not include output charge/discharge current from all pins. The values apply when internal pull-up MOS
transistors are in the off state. Supply current is the total current flowing into VCC and VRTC.
Note:
The IWDT and LVD are not operating.
Note:
If you want to operate RTC, add the value of Table 2.15.
Table 2.15
Increase current by RTC operation
Parameter
Symbol
Typ
Max
Unit
Test conditions
SOSC*1
(normal mode)
RTC
(normal operation mode)
ICC
1.25
—
µA
SOMCR.SODRV[1:0] = 00b
RCR4.ROPSEL = 0
RTC
(low-consumption clock mode)
1.08
—
SOMCR.SODRV[1:0] = 00b
RCR4.ROPSEL = 1
SOSC*1
(Low power mode 3)
RTC
(normal operation mode)
0.55
—
SOMCR.SODRV[1:0] = 11b
RCR4.ROPSEL = 0
RTC
(low-consumption clock mode)
0.38
—
SOMCR.SODRV[1:0] = 11b
RCR4.ROPSEL = 1
Note:
Supply current values do not include output charge/discharge current from all pins. The values apply when internal pull-up MOS
transistors are in the off state. The supply current is total current flowing into VRTC.
Note 1. Includes the sub-clock oscillation circuit current.
Table 2.16
Analog current
Parameter
Symbol
Typ
Max
Unit
Test conditions
Analog power
supply current
During 12-bit A/D conversion
(at high-speed A/D conversion mode)
IAVCC0
0.50
1
mA
—
During 12-bit A/D conversion
(at low-power A/D conversion mode)
0.27
0.8
mA
—
Waiting for 12-bit A/D conversion*1
—
4
µA
—
Reference power
supply current
(VREFH0)
During 12-bit A/D conversion
IREFH0
—
150
µA
—
Waiting for 12-bit A/D conversion
—
0.30
µA
—
Temperature Sensor (TSN) operating current
ITSN
98
—
µA
—
LCD operating
current
External resistance division method*2
ILCD*3
0.04
—
μA
fLCD = fSUB
(32.768 kHz)
LCD clock = 128 Hz
(LCDC0 = 0x07)
1/3 bias four-time-slices
VCC = 3.0 V
VL4 = 3.0 V
Internal voltage
boosting method
VL1 reference
VL1AMP enabled
(VLCD = 0x04)
0.68
—
μA
VL2 reference
VL2AMP enabled
(VLCD = 0x84)
0.62
—
μA
Capacitor split
method
VCC reference
0.12
—
μA
VL4 reference
VL4AMP enabled
0.63
—
μA
Note 1. When the MCU is in Software Standby mode or the MSTPCRD.MSTPD16 (ADC120 module-stop bit) is in the module-stop state.
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 27 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com