Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 4Page - Renesas Technology Corp RA4C1 Datasheet HTML 5Page - Renesas Technology Corp RA4C1 Datasheet HTML 6Page - Renesas Technology Corp RA4C1 Datasheet HTML 7Page - Renesas Technology Corp RA4C1 Datasheet HTML 8Page - Renesas Technology Corp RA4C1 Datasheet HTML 9Page - Renesas Technology Corp RA4C1 Datasheet HTML 10Page - Renesas Technology Corp RA4C1 Datasheet HTML 11Page - Renesas Technology Corp RA4C1 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 97 page
background image
1.4
Function Comparison
Table 1.14
Function comparison
Parts number
R7FA4C1BD3CFP
R7FA4C1BB3CFP
R7FA4C1BD3CFM
R7FA4C1BB3CFM
Pin count
100
64
Package
LQFP
LQFP
Code flash memory
512 KB
256 KB
Data flash memory
8 KB
SRAM
96 KB
Parity
64 KB
ECC
32 KB
DMA
DTC
Yes
DMAC
8
System
CPU clock
80 MHz (max.)
CPU clock sources
MOSC, SOSC, HOCO, MOCO, LOCO, PLL
CAC
Yes
WDT/IWDT
Yes
Communication
SCI*1
6
IIC
2
UARTA
2
SPI
3
CANFD
1
QSPI
Yes
Timers
GPT32*1
2
GPT16*1
4
AGT*1
2
RTC
Yes
Analog
ADC12
Unit 0: 16
Unit 0: 12
TSN
Yes
HMI
SLCDC
48 seg × 4 com
44 seg × 8 com
20 seg × 4 com
16 seg × 8 com
Data processing
CRC
Yes
DOC
Yes
Event control
ELC
Yes
Security
RSIP-E31A, TrustZone, and Lifecycle management
I/O ports
I/O pins
80
46
Input pins
3
3
Pull-up resistors
80
46
N-ch open-drain outputs
73
39
5-V tolerance
4
4
Note 1. Available pins depend on the pin count. For details, see section 1.7. Pin Lists.
RA4C1 Datasheet
1. Overview
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 8 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com