Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 81Page - Renesas Technology Corp RA4C1 Datasheet HTML 82Page - Renesas Technology Corp RA4C1 Datasheet HTML 83Page - Renesas Technology Corp RA4C1 Datasheet HTML 84Page - Renesas Technology Corp RA4C1 Datasheet HTML 85Page - Renesas Technology Corp RA4C1 Datasheet HTML 86Page - Renesas Technology Corp RA4C1 Datasheet HTML 87Page - Renesas Technology Corp RA4C1 Datasheet HTML 88Page - Renesas Technology Corp RA4C1 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 97 page
background image
addresses in 256-byte blocks, and then the entire block is erased, the reprogram/erase cycle is counted as one. However,
programming the same address for several times as one erasure is not enabled. (overwriting is prohibited.)
Note 2. Characteristics when using the flash memory programmer and the self-programming library provided by Renesas Electronics.
Note 3. This result is obtained from reliability testing.
Table 2.75
Data flash characteristics (2)
High-speed operating mode
Conditions: VCC = AVCC0 = 1.8 to 3.6 V
Parameter
Symbol
ICLK = 1 MHz
ICLK = 48 MHz
Unit
Min
Typ
Max
Min
Typ
Max
Programming time
1-byte
tDP1
—
112
903
—
33.9
317
µs
Erasure time
256-byte
tDE256
—
14.1
390
—
5.50
214
ms
Blank check time
1-byte
tDBC1
—
—
67.7
—
—
8.6
µs
256-byte
tDBC256
—
—
7538
—
—
272
µs
Suspended time during erasing
tDSED
—
—
33.4
—
—
10.7
µs
Forced stop time
tFD
—
—
33.4
—
—
10.7
µs
Data flash STOP recovery time
tDSTOP
250
—
—
250
—
—
ns
Note:
Does not include the time until each operation of the flash memory is started after instructions are executed by software.
Note:
The lower-limit frequency of FCLK is 1 MHz during programming or erasing the flash memory.
Note:
The frequency accuracy of FCLK must be ± 1.0% during programming or erasing the flash memory. Confirm the frequency accuracy
of the clock source.
Table 2.76
Data flash characteristics (3)
Middle-speed operating mode
Conditions: VCC = AVCC0 = 1.6 to 3.6 V
Parameter
Symbol
ICLK = 1 MHz
ICLK = 8 MHz*1
Unit
Min
Typ
Max
Min
Typ
Max
Programming time
1-byte
tDP1
—
112
903
—
39.7
359
µs
Erasure time
256-byte
tDE256
—
14.1
390
—
6.32
231
ms
Blank check time
1-byte
tDBC1
—
—
67.7
—
—
13.3
µs
256-byte
tDBC256
—
—
7538
—
—
947
µs
Suspended time during erasing
tDSED
—
—
33.4
—
—
13.1
µs
Forced stop time
tFD
—
—
33.4
—
—
13.1
µs
Data flash STOP recovery time
tDSTOP
250
—
—
250
—
—
ns
Note:
Does not include the time until each operation of the flash memory is started after instructions are executed by software.
Note:
The lower-limit frequency of FCLK is 1 MHz during programming or erasing the flash memory.
Note:
The frequency accuracy of FCLK must be ± 1.0% during programming or erasing the flash memory. Confirm the frequency accuracy
of the clock source.
Note 1. When 1.8 V ≤ VCC = AVCC0 ≤ 3.6 V
Table 2.77
Data flash characteristics (4) (1 of 2)
Low-speed operating mode
Conditions: VCC = AVCC0 = 1.6 to 3.6 V
Parameter
Symbol
ICLK = 1 MHz
Unit
Min
Typ
Max
Programming time
1-byte
tDP1
—
112
903
µs
Erasure time
256-byte
tDE256
—
14.1
390
ms
Blank check time
1-byte
tDBC1
—
—
67.7
µs
256-byte
tDBC256
—
—
7538
µs
Suspended time during erasing
tDSED
—
—
33.4
µs
Forced stop time
tFD
—
—
33.4
µs
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 85 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com