Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 65Page - Renesas Technology Corp RA4C1 Datasheet HTML 66Page - Renesas Technology Corp RA4C1 Datasheet HTML 67Page - Renesas Technology Corp RA4C1 Datasheet HTML 68Page - Renesas Technology Corp RA4C1 Datasheet HTML 69Page - Renesas Technology Corp RA4C1 Datasheet HTML 70Page - Renesas Technology Corp RA4C1 Datasheet HTML 71Page - Renesas Technology Corp RA4C1 Datasheet HTML 72Page - Renesas Technology Corp RA4C1 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 97 page
background image
Differential nonlinearity error (DNL)
Differential nonlinearity error is the difference between 1-LSB width based on the ideal A/D conversion characteristics and
the width of the actual output code.
Offset error
Offset error is the difference between the transition point of the ideal first output code and the actual first output code.
Full-scale error
Full-scale error is the difference between the transition point of the ideal last output code and the actual last output code.
2.5
TSN Characteristics
Table 2.54
TSN characteristics
Conditions: VCC = AVCC0 = 1.8 to 3.6 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Relative accuracy
—
—
±1.5
—
°C
VCC = AVCC0 ≥ 2.4 V*1
—
±2.0
—
°C
VCC = AVCC0 < 2.4 V*1
—
±1.0
—
°C
VCC = AVCC0 ≥ 2.4 V*2
Temperature slope
—
—
-3.3
—
mV/°C
—
Output voltage (at 25 °C)
—
—
1.05
—
V
VCC = 3.3 V
Temperature sensor start time
tSTART
—
—
5
µs
—
Sampling time
—
5
—
—
µs
Note 1. Temperature slope used -3.3 mV/°C
Note 2. Temperature slope calculation points used the evaluated 2 points. Refer to .
2.6
OSC Stop Detect Characteristics
Table 2.55
Oscillation stop detection circuit characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Detection time
tdr
—
—
1
ms
Figure 2.46
tdr
Main clock
OSTDSR.OSTDF
MOCO clock
ICLK
Figure 2.46
Oscillation stop detection timing
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 69 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com