Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 21Page - Renesas Technology Corp RA4C1 Datasheet HTML 22Page - Renesas Technology Corp RA4C1 Datasheet HTML 23Page - Renesas Technology Corp RA4C1 Datasheet HTML 24Page - Renesas Technology Corp RA4C1 Datasheet HTML 25Page - Renesas Technology Corp RA4C1 Datasheet HTML 26Page - Renesas Technology Corp RA4C1 Datasheet HTML 27Page - Renesas Technology Corp RA4C1 Datasheet HTML 28Page - Renesas Technology Corp RA4C1 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 97 page
background image
Table 2.8
I/O VOH, VOL (3)
Conditions: VCC = AVCC0 = 1.6 to 1.8 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Output voltage
Ports P000 to P004, P010, P011
VOH
AVCC0 − 0.5
—
—
V
IOH = −0.5 mA
Output pins except for P000 to
P004 and P010, P011*1
VOH
VCC − 0.5
—
—
IOH = −0.5 mA
Ports P000 to P004, P010, P011
VOL
—
—
0.4
IOL = 0.3 mA
Output pins except for P000 to
P004 and P010, P011*1
VOL
—
—
0.4
IOL = 0.3 mA
Note 1. Except for Ports P200, P214, P215, and RTCIC0, which are input ports.
Table 2.9
I/O other characteristics
Conditions: VCC = AVCC0 = 1.6 to 3.6 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input leakage current
RES, ports P200
| Iin |
—
—
1.0
µA
Vin = 0 V
Vin = VCC
P214, P215, RTCIC0
—
—
1.0
µA
Vin = 0 V
Vin = VRTC
Three-state leakage
current (off state)
5V-tolerant ports*1
| ITSI |
—
—
1.0
µA
Vin = 0 V
Vin = 5.8 V
Other ports (except for P200,
P214, P215, RTCIC0, and 5V-
tolerant ports)
—
—
1.0
Vin = 0 V
Vin = VCC
Input pull-up resistor
All ports (except for P200, P214,
P215, RTCIC0)
RU
10
20
100
kΩ
Vin = 0 V
Input capacitance
P200
Cin
—
—
30
pF
Vin = 0 V,
f = 1 MHz
Ta = 25 °C
Other input pins
—
—
15
Note 1. P301, P302, P400, and P401 (total 4 pins)
2.2.5
Operating and Standby Current
Table 2.10
High-speed mode current
Parameter
Symbol
Typ
Max
Unit
Test Conditions
Maximum*1 *2
ICC*3
—
77.0
mA
ICLK = 80 MHz
PCLKA = 80 MHz
PCLKB = 40 MHz
PCLKC = 40 MHz
PCLKD = 80 MHz
FCLK = 40 MHz
CoreMark®*4 *5
20.5
—
mA
256.3 —
uA/MHz
Normal mode
All peripheral clocks enabled, and cache
disabled. While (1) code is executing from
flash*5
29.1
—
mA
364.1 —
uA/MHz
All peripheral clocks disabled, and cache
disabled. While (1) code is executing from
flash*4 *5
13.5
—
mA
168.3 —
uA/MHz
Sleep mode
All peripheral clocks enabled, and cache
disabled*5
21.2
—
mA
All peripheral clocks disabled, and cache
disabled*4 *5
5.65
—
mA
Increase during BGO operation*6
2.67
—
mA
Note:
Supply current is the total current flowing into VCC and VRTC. Supply current values are with all output pins unloaded and all input
pull-up MOSs in the off state.
Note:
This does not include the BGO operation.
Note 1. Measured with clocks supplied to the peripheral functions.
Note 2. PLL output frequency = 80 MHz. The clock source is MOSC.
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 25 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com