Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 48Page - Renesas Technology Corp RA4C1 Datasheet HTML 49Page - Renesas Technology Corp RA4C1 Datasheet HTML 50Page - Renesas Technology Corp RA4C1 Datasheet HTML 51Page - Renesas Technology Corp RA4C1 Datasheet HTML 52Page - Renesas Technology Corp RA4C1 Datasheet HTML 53Page - Renesas Technology Corp RA4C1 Datasheet HTML 54Page - Renesas Technology Corp RA4C1 Datasheet HTML 55Page - Renesas Technology Corp RA4C1 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 97 page
background image
Table 2.40
SPI timing (2 of 3)
Parameter
Symbol
Min
Max
Unit
Test conditions
Data input setup
time
Master
2.7 V ≤ VCC ≤ 3.6 V
tSU
15
—
ns
Figure 2.33 to
Figure 2.38
C = 30 pF
2.4 V ≤ VCC < 2.7 V
25
—
1.8 V ≤ VCC < 2.4 V
38
—
1.6 V ≤ VCC < 1.8 V
0
—
Slave
2.4 V ≤ VCC ≤ 3.6 V
10
—
1.8 V ≤ VCC < 2.4 V
14
—
1.6 V ≤ VCC < 1.8 V
17
—
Data input hold
time
Master (RSPCK is PCLKA/2)
tHF
0
—
ns
Master (RSPCK is not PCLKA/2)
tH
tPcyc
—
Slave
tH
10
—
SSL setup time
Master
1.8 V ≤ VCC ≤ 3.6 V
tLEAD
−30 + N × tSpcyc*1
—
ns
1.6 V ≤ VCC < 1.8 V
−34 + N × tSpcyc*1
—
Slave
5 × tPcyc
—
ns
SSL hold time
Master
tLAG
−30 + N × tSpcyc*2
—
ns
Slave
5 × tPcyc
—
ns
Data output
delay time
Master
2.7 V ≤ VCC ≤ 3.6 V
tOD
—
12
ns
2.4 V ≤ VCC < 2.7 V
—
12
1.8 V ≤ VCC < 2.4 V
—
12
1.6 V ≤ VCC < 1.8 V
—
12
Slave
2.7 V ≤ VCC ≤ 3.6 V
—
45
2.4 V ≤ VCC < 2.7 V
—
50
1.8 V ≤ VCC < 2.4 V
—
70
1.6 V ≤ VCC < 1.8 V
—
85
Data output hold
time
Master
tOH
0
—
ns
Slave
0
—
Successive
transmission
delay time
Master
tTD
tSPcyc + 2 × tPcyc
8 × tSPcyc + 2 ×
tPcyc
ns
Slave
6 × tPcyc
—
MOSI and MISO
rise and fall time
Output
2.7 V ≤ VCC ≤ 3.6 V
tDr, tDf
—
5
ns
Figure 2.33 to
Figure 2.38
C = 30 pF
2.4 V ≤ VCC < 2.7 V
—
15
1.8 V ≤ VCC < 2.4 V
—
20
1.6 V ≤ VCC < 1.8 V
—
30
Input
—
1
SSL rise and fall
time
Output
2.7 V ≤ VCC ≤ 3.6 V
tSSLr,
tSSLf
—
5
ns
2.4 V ≤ VCC < 2.7 V
—
15
1.8 V ≤ VCC < 2.4 V
—
20
1.6 V ≤ VCC < 1.8 V
—
30
Input
—
1
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 52 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com