Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 37Page - Renesas Technology Corp RA4C1 Datasheet HTML 38Page - Renesas Technology Corp RA4C1 Datasheet HTML 39Page - Renesas Technology Corp RA4C1 Datasheet HTML 40Page - Renesas Technology Corp RA4C1 Datasheet HTML 41Page - Renesas Technology Corp RA4C1 Datasheet HTML 42Page - Renesas Technology Corp RA4C1 Datasheet HTML 43Page - Renesas Technology Corp RA4C1 Datasheet HTML 44Page - Renesas Technology Corp RA4C1 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 97 page
background image
Oscillator
ICLK
IRQ
Software Standby mode
tSBYSC, tSBYLO
Oscillator
ICLK
IRQ
Software Standby mode
tSBYMC, tSBYPC, tSBYEX,
tSBYPE, tSBYMO, tSBYHO
Figure 2.15
Software Standby mode cancellation timing
Table 2.33
Timing of recovery from low power modes (5)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Recovery time from Software
Standby mode*1
High-speed mode System clock
source is HOCO (32 MHz)*1
tSNZ
—
7.4
9.3
μs
Figure 2.16
Middle-speed mode System clock
source is HOCO (24 MHz)*2
VCC = 1.8 V to 3.6 V
tSNZ
—
8.3
10.4
μs
Middle-speed mode System clock
source is HOCO (24 MHz)*3
VCC = 1.6 V to 1.8 V
tSNZ
—
9.5
11.8
μs
Low-speed mode System clock
source is MOCO (8 MHz)*4
tSNZ
—
11.8
15.6
μs
Note 1. The ICLK is 32 MHz
Note 2. The ICLK is 8 MHz (24 MHz/4)
Note 3. The ICLK is 4 MHz (24 MHz/8)
Note 4. The ICLK is 1 MHz (8 MHz/8)
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 41 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com