Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 49Page - Renesas Technology Corp RA4C1 Datasheet HTML 50Page - Renesas Technology Corp RA4C1 Datasheet HTML 51Page - Renesas Technology Corp RA4C1 Datasheet HTML 52Page - Renesas Technology Corp RA4C1 Datasheet HTML 53Page - Renesas Technology Corp RA4C1 Datasheet HTML 54Page - Renesas Technology Corp RA4C1 Datasheet HTML 55Page - Renesas Technology Corp RA4C1 Datasheet HTML 56Page - Renesas Technology Corp RA4C1 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 97 page
background image
Table 2.40
SPI timing (3 of 3)
Parameter
Symbol
Min
Max
Unit
Test conditions
Slave access time
2.7 V ≤ VCC ≤ 3.6 V
tSA
—
2 × tPcyc + 11
ns
Figure 2.37 and
Figure 2.38
C = 30 pF
2.4 V ≤ VCC < 2.7 V
—
2 × tPcyc + 15
1.8 V ≤ VCC < 2.4 V
—
2 × tPcyc + 35
1.6 V ≤ VCC < 1.8 V
—
2 × tPcyc + 55
Slave output release time
2.7 V ≤ VCC ≤ 3.6 V
tREL
—
2 × tPcyc + 11
ns
2.4 V ≤ VCC < 2.7 V
—
2 × tPcyc + 15
1.8 V ≤ VCC < 2.4 V
—
2 × tPcyc + 35
1.6 V ≤ VCC < 1.8 V
—
2 × tPcyc + 55
Note:
tPcyc: PCLKA cycle.
Note 1. N is set as an integer from 1 to 8 by the SPCKD register.
Note 2. N is set as an integer from 1 to 8 by the SSLND register.
RSPCKn
master select
output
RSPCKn
slave select input
tSPCKWH
VOH
VOH
VOL
VOL
VOH
VOH
tSPCKWL
tSPCKr
tSPCKf
VOL
tSPcyc
tSPCKWH
VIH
VIH
VIL
VIL
VIH
VIH
tSPCKWL
tSPCKr
tSPCKf
VIL
tSPcyc
VOH = 0.7 × VCC, VOL = 0.3 × VCC, VIH = 0.7 × VCC, VIL = 0.3 × VCC
Note:
n = A or B
Figure 2.32
SPI clock timing
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 53 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com