Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 70Page - Renesas Technology Corp RA4C1 Datasheet HTML 71Page - Renesas Technology Corp RA4C1 Datasheet HTML 72Page - Renesas Technology Corp RA4C1 Datasheet HTML 73Page - Renesas Technology Corp RA4C1 Datasheet HTML 74Page - Renesas Technology Corp RA4C1 Datasheet HTML 75Page - Renesas Technology Corp RA4C1 Datasheet HTML 76Page - Renesas Technology Corp RA4C1 Datasheet HTML 77Page - Renesas Technology Corp RA4C1 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 97 page
background image
tVOFF
Vdet2
VCC
tdet
tdet
tLVD2
Td(E-A)
LVD2CMPCR.LVD2E
LVD2
Comparator output
LVD2CR0.CMPE
LVD2SR.MON
Internal reset signal
(active-low)
When LVD2CR0.RN = 0
When LVD2CR0.RN = 1
VLVH
tLVD2
Figure 2.51
Voltage detection circuit timing (Vdet2)
2.8
VRTC POR Characteristics
Table 2.58
Power-on reset circuit of VRTC characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Voltage detection
level
Power-on reset of
VRTC (VRTC_POR)
When
power
supply rise
VRTCPOR
1.51
1.55
1.59
V
Figure 2.52
When
power
supply fall
VRTCPDR
1.49
1.53
1.57
Minimum pulse
width
tRTCVOFF
—
500
—
—
µs
Figure 2.52
Hysteresis width of VRTC (VRTC_POR)
VRTCPORH
—
20
—
mV
—
Wait time after power-on reset cancellation
tRTCPOR
—
—
12
ms
Figure 2.52
Power-on reset of VRTC response delay time*1
trtcdet
—
—
500
µs
Figure 2.52
Power-on reset of VRTC enable time*1
tW (VRTC_POR)
1
—
—
ms
Figure 2.52, VRTC =
below 1.0 V
Note 1. The minimum VRTC down time indicates the time when VRTC is below the minimum value of the voltage detection level of
VRTC_POR.
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 74 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com