Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 15Page - Renesas Technology Corp RA4C1 Datasheet HTML 16Page - Renesas Technology Corp RA4C1 Datasheet HTML 17Page - Renesas Technology Corp RA4C1 Datasheet HTML 18Page - Renesas Technology Corp RA4C1 Datasheet HTML 19Page - Renesas Technology Corp RA4C1 Datasheet HTML 20Page - Renesas Technology Corp RA4C1 Datasheet HTML 21Page - Renesas Technology Corp RA4C1 Datasheet HTML 22Page - Renesas Technology Corp RA4C1 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 97 page
background image
Table 2.1
Absolute maximum ratings (2 of 2)
Parameter
Symbol
Value
Unit
Analog input voltage
When AN000 to AN006 are
used
VAN
-0.3 to AVCC0 + 0.3
V
When AN017 to AN025 are
used
-0.3 to VCC + 0.3
V
Operating temperature*3
Topr
-40 to +105
°C
Storage temperature
Tstg
-55 to +125
°C
Note 1. Ports P301, P302, P400, and P401 are 5V-tolerant.
Do not input signals or an I/O pull-up power supply while the device is not powered. The current injection that results from input of
such a signal or I/O pull-up might cause malfunction and the abnormal current that passes in the device at this time might cause
degradation of internal elements.
Note 2. Connect AVCC0 to VCC
Note 3. See section 2.2.1. Tj/Ta Definition.
Caution: Permanent damage to the MCU may result if absolute maximum ratings are exceeded.
To preclude any malfunctions due to noise interference, insert capacitors with high frequency
characteristics between the VCC and VSS pins, between the AVCC0 and AVSS0 pins, and between the
VREFH0 and VREFL0 pins when VREFH0 is selected as the high potential reference voltage for the
ADC12. Place capacitors of the following value as close as possible to every power supply pin and use
the shortest and heaviest possible traces:
● VCC and VSS: about 0.1 µF
● VRTC and VSS: about 0.1 µF
● AVCC0 and AVSS0: about 0.1 µF
● VREFH0 and VREFL0: about 0.1 µF
Also, connect capacitors as stabilization capacitance.
Connect the VCL pin and VCL0 pin to a VSS pin by a 4.7 µF capacitor. Each capacitor must be placed
close to the pin.
Table 2.2
Recommended operating conditions
Parameter
Symbol
Min
Typ
Max
Unit
Power supply voltages
VCC*1 *2
1.6
—
3.6
V
VSS
—
0
—
V
RTC power supply voltage
VRTC
1.6
—
3.6
V
Analog power supply voltages
AVCC0*1 *2
1.6
—
3.6
V
AVSS0
—
0
—
V
VREFH0
When used as ADC12
Reference
1.6
—
AVCC0 V
VREFL0
—
0
—
V
Note 1. Use AVCC0 and VCC under the following conditions:
AVCC0 = VCC
Note 2. When powering on the VCC and AVCC0 pins, power them on at the same time or the VCC pin first and then the AVCC0 pins.
When powering off the VCC and AVCC0 pins, power them off at the same time or the AVCC0 pin first and then the VCC pins.
2.2
DC Characteristics
2.2.1
Tj/Ta Definition
Table 2.3
DC characteristics
Conditions: Products with operating temperature (Ta) -40 to +105 °C
Parameter
Symbol
Typ
Max
Unit
Test conditions
Permissible junction temperature
Tj
—
125*1
°C
High-speed mode
Middle-speed mode
Low-speed mode
Subosc-speed mode
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 19 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com