Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 42Page - Renesas Technology Corp RA4C1 Datasheet HTML 43Page - Renesas Technology Corp RA4C1 Datasheet HTML 44Page - Renesas Technology Corp RA4C1 Datasheet HTML 45Page - Renesas Technology Corp RA4C1 Datasheet HTML 46Page - Renesas Technology Corp RA4C1 Datasheet HTML 47Page - Renesas Technology Corp RA4C1 Datasheet HTML 48Page - Renesas Technology Corp RA4C1 Datasheet HTML 49Page - Renesas Technology Corp RA4C1 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 97 page
background image
Table 2.37
SCI timing (1) (2 of 2)
Conditions: VCC = AVCC0 = 1.6 to 3.6 V
Parameter
Symbol
Min
Max
Unit
Test
conditions
SCI
Receive data
setup time
(master)
Clock
synchronous
1.8 V ≤ VCC ≤ 3.6 V
tRXS
35
—
ns
Figure 2.25
2.4 V ≤ VCC < 2.7 V
40
—
1.8 V ≤ VCC < 2.4 V
65
—
1.6 V ≤ VCC < 1.8 V
90
—
Receive data
setup time (slave)
Clock
synchronous
2.4 V ≤ VCC ≤ 3.6 V
10
—
ns
1.8 V ≤ VCC ≤ 2.4 V
15
—
1.6 V ≤ VCC < 1.8 V
20
—
Receive data hold
time (master)
Clock synchronous
tRXH
5
—
ns
Receive data hold
time (slave)
Clock synchronous
tRXH
5
—
ns
tSCKW
tSCKr
tSCKf
tScyc
SCKn
Note:
n = 0, 1, 3 to 5, 9
Figure 2.24
SCK clock input timing
tTXD
tRXS tRXH
TXDn
RXDn
SCKn
Note:
n = 0, 1, 3 to 5, 9
Figure 2.25
SCI input/output timing in clock synchronous mode
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 46 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com