Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 66Page - Renesas Technology Corp RA4C1 Datasheet HTML 67Page - Renesas Technology Corp RA4C1 Datasheet HTML 68Page - Renesas Technology Corp RA4C1 Datasheet HTML 69Page - Renesas Technology Corp RA4C1 Datasheet HTML 70Page - Renesas Technology Corp RA4C1 Datasheet HTML 71Page - Renesas Technology Corp RA4C1 Datasheet HTML 72Page - Renesas Technology Corp RA4C1 Datasheet HTML 73Page - Renesas Technology Corp RA4C1 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 97 page
background image
2.7
POR and LVD Characteristics
Table 2.56
Power-on reset circuit and voltage detection circuit characteristics (1) (1 of 2)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Power-on reset (POR)
When power supply rise
VPOR
1.47
1.51
1.55
V
Figure 2.47, Figure 2.48
When power supply fall
VPOR
1.46
1.50
1.54
Figure 2.47
Voltage detection
circuit (LVD0)*1
When power supply rise
Vdet0_0
2.73
2.9
3.01
V
Figure 2.49
When power supply fall
2.68
2.85
2.96
When power supply rise
Vdet0_1
2.44
2.59
2.70
When power supply fall
2.38
2.53
2.64
When power supply rise
Vdet0_2
1.83
1.95
2.07
When power supply fall
1.78
1.90
2.02
When power supply rise
Vdet0_3
1.66
1.75
1.88
When power supply fall
1.60
1.69
1.82
Voltage detection
circuit (LVD1)*2
When power supply rise
Vdet1_0
3.05
3.17
3.29
V
Figure 2.50
When power supply fall
2.98
3.10
3.22
When power supply rise
Vdet1_1
2.95
3.06
3.17
When power supply fall
2.89
3.00
3.11
When power supply rise
Vdet1_2
2.86
2.97
3.08
When power supply fall
2.79
2.90
3.01
When power supply rise
Vdet1_3
2.74
2.85
2.96
When power supply fall
2.68
2.79
2.90
When power supply rise
Vdet1_4
2.63
2.75
2.85
When power supply fall
2.58
2.68
2.78
When power supply rise
Vdet1_5
2.54
2.64
2.75
When power supply fall
2.48
2.58
2.68
When power supply rise
Vdet1_6
2.43
2.53
2.63
When power supply fall
2.38
2.48
2.58
When power supply rise
Vdet1_7
2.16
2.26
2.36
When power supply fall
2.10
2.20
2.30
When power supply rise
Vdet1_8
1.88
2
2.09
When power supply fall
1.84
1.96
2.05
When power supply rise
Vdet1_9
1.78
1.9
1.99
When power supply fall
1.74
1.86
1.95
When power supply rise
Vdet1_A
1.67
1.79
1.88
When power supply fall
1.63
1.75
1.84
When power supply rise
Vdet1_B
1.65
1.7
1.78
When power supply fall
1.60
1.65
1.73
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 70 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com