Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 22Page - Renesas Technology Corp RA4C1 Datasheet HTML 23Page - Renesas Technology Corp RA4C1 Datasheet HTML 24Page - Renesas Technology Corp RA4C1 Datasheet HTML 25Page - Renesas Technology Corp RA4C1 Datasheet HTML 26Page - Renesas Technology Corp RA4C1 Datasheet HTML 27Page - Renesas Technology Corp RA4C1 Datasheet HTML 28Page - Renesas Technology Corp RA4C1 Datasheet HTML 29Page - Renesas Technology Corp RA4C1 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 97 page
background image
Note 3. ICC depends on f (ICLK) as follows (reference data).
ICC Max. = 0.83 × f + 10.44 (max. operation)
ICC Typ. = 0.16 × f + 0.82 (normal operation, all peripheral clocks disabled and cache disabled)
ICC Typ. = 0.22 × f + 3.64 (Sleep mode, all peripheral clocks enabled and cache disabled)
Note 4. PCLKA, PCLKB, PCLKC, and PCLKD are set to divided by 64 (1.25 MHz).
Note 5. PLL is stopped, and HOCO output frequency = 80 MHz
Note 6. This is the increase for programming or erasure of the flash memory for data storage during program execution.
Table 2.11
Middle-speed mode current
Parameter
Symbol
Typ
Max
Unit
Test conditions
Normal mode
All peripheral clocks enabled, and cache
disabled. While (1) code is executing from flash
ICC*1
4.49
—
mA
ICLK = 8 MHz
PCLKA = 8 MHz
PCLKB = 8 MHz
PCLKC = 8 MHz
PCLKD = 8 MHz
FCLK = 8 MHz
All peripheral clocks disabled, and cache
disabled. While (1) code is executing from
flash*2
1.79
—
Sleep mode
All peripheral clocks enabled, and cache
disabled
3.50
—
All peripheral clocks disabled, and cache
disabled*2
0.81
—
Increase during BGO operation*3
2.10
—
Note:
Supply current is the total current flowing into VCC and VRTC. Supply current values are with all output pins unloaded and all input
pull-up MOSs in the off state.
Note:
This does not include the BGO operation.
Note:
The clock source is MOCO.
Note 1. ICC depends on f (ICLK) as follows (reference data).
ICC Typ. = 0.45 × f + 0.94 (normal operation, all peripheral clocks enabled and cache disabled)
Note 2. PCLKA, PCLKB, PCLKC, and PCLKD are set to divided by 64 (125 kHz).
Note 3. This is the increase for programming or erasure of the flash memory for data storage during program execution.
Table 2.12
Low-speed mode current
Parameter
Symbol
Typ
Max
Unit
Test conditions
Normal mode
All peripheral clocks enabled, and cache
disabled. While (1) code is executing from flash
ICC*1
1.20
—
mA
ICLK = 1 MHz
PCLKA = 1 MHz
PCLKB = 1 MHz
PCLKC = 1 MHz
PCLKD = 1 MHz
FCLK = 1 MHz
All peripheral clocks disabled, and cache
disabled. While (1) code is executing from
flash*2
0.38
—
Sleep mode
All peripheral clocks enabled, and cache
disabled
1.07
—
All peripheral clocks disabled, and cache
disabled*2
0.24
—
Note:
Supply current is the total current flowing into VCC and VRTC. Supply current values are with all output pins unloaded and all input
pull-up MOSs in the off state.
Note:
This does not include the BGO operation.
Note:
The clock source is MOSC.
Note 1. ICC depends on f (ICLK) as follows (reference data).
ICC Typ. = 0.47 × f + 0.43 (normal operation, all peripheral clocks disabled and cache disabled)
Note 2. PCLKA, PCLKB, PCLKC, and PCLKD are set to divided by 64 (15.625 kHz).
Table 2.13
Subosc-speed mode current
Parameter
Symbol
Typ
Max
Unit
Test conditions
Normal mode
All peripheral clocks enabled, and cache
disabled. While (1) code is executing from flash
ICC
18.44
—
µA
ICLK = 32.768 kHz
PCLKA = 32.768 kHz
PCLKB = 32.768 kHz
PCLKC = 32.768 kHz
PCLKD = 32.768 kHz
FCLK = 32.768 kHz
All peripheral clocks disabled, and cache
disabled. While (1) code is executing from
flash*1
9.86
—
Sleep mode
All peripheral clocks enabled, and cache
disabled
13.71
—
All peripheral clocks disabled, and cache
disabled*1
5.17
—
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 26 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com