Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 35Page - Renesas Technology Corp RA4C1 Datasheet HTML 36Page - Renesas Technology Corp RA4C1 Datasheet HTML 37Page - Renesas Technology Corp RA4C1 Datasheet HTML 38Page - Renesas Technology Corp RA4C1 Datasheet HTML 39Page - Renesas Technology Corp RA4C1 Datasheet HTML 40Page - Renesas Technology Corp RA4C1 Datasheet HTML 41Page - Renesas Technology Corp RA4C1 Datasheet HTML 42Page - Renesas Technology Corp RA4C1 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 97 page
background image
Independent watchdog timer reset
Software reset
Internal reset
tRESWT3
tRESWIW, tRESWIR
Figure 2.14
Reset input timing (2)
2.3.4
Wakeup Time
Table 2.29
Timing of recovery from low power modes (1)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Recovery time
from Software
Standby
mode*1
High-speed
mode
Crystal
resonator
connected to
main clock
oscillator
System clock source is
main clock oscillator (20
MHz)*2 *4
tSBYMC
—
2.1
2.7
ms
Figure 2.15
System clock source is
PLL (48 MHz) with Main
clock oscillator*2 *5
tSBYPC
—
2.1
2.8
ms
External clock
input to main
clock oscillator
System clock source is
main clock oscillator (20
MHz)*3 *4
tSBYEX
—
8.5
11
µs
System clock source is
PLL (48 MHz) with Main
clock oscillator*3 *5
tSBYEX
—
66
85
µs
System clock source is HOCO (HOCO
clock is 32 MHz)*6
tSBYHO
—
13.5
17.8
µs
System clock source is HOCO (HOCO
clock is 48 MHz)*5
tSBYHO
—
13.2
17.5
µs
System clock source is MOCO (8 MHz)*7
tSBYMO
—
3.5
5.1
µs
Note 1. The division ratio of ICLK, FCLK, and PCLKx is the minimum division ratio within the allowable frequency range. The recovery time
is determined by the system clock source.
Note 2. The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 0x05.
Note 3. The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 0x00.
Note 4. The ICLK is 20 MHz
Note 5. The ICLK is 48 MHz
Note 6. The ICLK is 32 MHz
Note 7. The ICLK is 8 MHz
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 39 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com