Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 32Page - Renesas Technology Corp RA4C1 Datasheet HTML 33Page - Renesas Technology Corp RA4C1 Datasheet HTML 34Page - Renesas Technology Corp RA4C1 Datasheet HTML 35Page - Renesas Technology Corp RA4C1 Datasheet HTML 36Page - Renesas Technology Corp RA4C1 Datasheet HTML 37Page - Renesas Technology Corp RA4C1 Datasheet HTML 38Page - Renesas Technology Corp RA4C1 Datasheet HTML 39Page - Renesas Technology Corp RA4C1 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 97 page
background image
Table 2.27
Clock timing (2 of 2)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
MOCO clock oscillation frequency
fMOCO
6.8
8
9.2
MHz
—
MOCO clock oscillation stabilization time
tMOCO
—
—
1
µs
—
HOCO clock oscillation frequency
fHOCO24
23.76
24
24.24
MHz
—
fHOCO32
31.68
32
32.32
—
fHOCO40
39.6
40
40.4
—
fHOCO48
47.52
48
48.48
—
fHOCO64
63.36
64
64.64
—
fHOCO80
79.2
80
80.8
—
HOCO clock oscillation stabilization time*3
tHOCO
—
1.9
—
µs
Figure 2.8
PLL clock frequency
fPLL
24
—
80
MHz
—
PLL clock oscillation stabilization time
tPLL
—
—
70
µs
Figure 2.9
PLL_RTC clock frequency
fPLLR
—
26
—
MHz
—
PLL_RTC clock oscillation stabilization time
tPLLR
—
—
10
ms
Figure 2.10
Sub-clock oscillator oscillation frequency*4
fSUB
—
32.77
—
kHz
—
Sub-clock oscillation stabilization time*2
tSUBOSC
—
0.5
—
s
Figure 2.11
Note 1. Time until the clock can be used after the Main Clock Oscillator stop bit (MOSCCR.MOSTP) is set to 0 (operating) when the
external clock is stable.
Note 2. After changing the setting of the SOSCCR.SOSTP bit to start sub-clock oscillator operation, only start using the sub-clock
oscillator after the sub-clock oscillation stabilization time elapsed. Use the oscillator wait time value recommended by the oscillator
manufacturer.
Note 3. This is the time from release from reset state until the HOCO oscillation frequency (fHOCO) reaches the range for guaranteed
operation.
Note 4. The power supply of sub-clock oscillator is VRTC.
tXH
tXcyc
EXTAL external clock input
VCC × 0.5
tXL
tXr
tXf
Figure 2.6
EXTAL external clock input timing
LOCO clock oscillator output
LOCOCR.LCSTP
tLOCO
Figure 2.7
LOCO clock oscillation start timing
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 36 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com