Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 78Page - Renesas Technology Corp RA4C1 Datasheet HTML 79Page - Renesas Technology Corp RA4C1 Datasheet HTML 80Page - Renesas Technology Corp RA4C1 Datasheet HTML 81Page - Renesas Technology Corp RA4C1 Datasheet HTML 82Page - Renesas Technology Corp RA4C1 Datasheet HTML 83Page - Renesas Technology Corp RA4C1 Datasheet HTML 84Page - Renesas Technology Corp RA4C1 Datasheet HTML 85Page - Renesas Technology Corp RA4C1 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 97 page
background image
2.12.4
Capacitor Split Method (VCC Reference)
(1) 1/3 bias method
Table 2.68
Capacitor split method LCD characteristics (1)
Conditions: VCC = AVCC = 2.2 V to 3.6 V, VSS = AVSS = 0 V
Parameter
Symb
ol
Conditions
Min
Typ
Max
Unit
Test
conditions
VL4 voltage
VL4
C1 to C4*2 = 0.47 µF
—
VCC
—
V
—
VL2 voltage
VL2
C1 to C4*2 = 0.47 µF
2 / 3 × VL4 -
3%
2 / 3 × VL4
2 / 3 × VL4 +
3%
V
—
VL1 voltage
VL1
C1 to C4*2 = 0.47 µF
1 / 3 × VL4 -
3%
1 / 3 × VL4
1 / 3 × VL4 +
3%
V
—
Capacitor split wait
time*1
tWAIT
—
100
—
—
ms
Figure 2.56
Note:
Bit [7] (MDSET[2]) of register VLCD is set to 0 and bits [7:6] (MDSET[1:0]) of register LCDM0 are set to 10 for capacitor split
method (VCC reference).
Note 1. This is the wait time from when voltage bucking is started (VLCON = 1) until display is enabled (LCDON = 1).
Note 2. This is a capacitor that is connected between the voltage pins that are used to drive the LCD.
C1: A capacitor connected between CAPH and CAPL
C2: A capacitor connected between VL1 and GND
C3: A capacitor connected between VL2 and GND
C4: A capacitor connected between VL4 and GND
C1 = C2 = C3 = C4 = 0.47 µF ±30%
VLCON
tVLS1, tVL2S, tVL4S
LCDON
tVLWT, tWAIT
000b
001b, 101b, 010b or 110b
MDSET[2:0]
Figure 2.56
LCD reference voltage setup time, voltage boosting wait time, and capacitor split wait time
2.12.5
Capacitor Split Method (VL4 Reference)
(1) 1/3 bias method
Table 2.69
Capacitor split method LCD characteristics (3)
Conditions: VCC = AVCC = 3.2 V to 3.6 V, VSS = AVSS = 0 V
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Test conditions
VL4 voltage
VL4
C1 to C4*2 = 0.47 µF
2.89
3.04
3.20
V
—
VL2 voltage
VL2
C1 to C4*2 = 0.47 µF
1.89
2.03
2.17
V
—
VL1 voltage
VL1
C1 to C4*2 = 0.47 µF
0.94
1.01
1.08
V
—
Reference voltage
setup time*3
tVL4S
—
10
—
—
ms
Figure 2.56
Capacitor split wait
time*1
tWAIT
—
100
—
—
ms
Figure 2.56
Note 1. This is the wait time from when voltage bucking is started (VLCON = 1) until display is enabled (LCDON = 1).
Note 2. This is a capacitor that is connected between the voltage pins that are used to drive the LCD.
C1: A capacitor connected between CAPH and CAPL
C2: A capacitor connected between VL1 and GND
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 82 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com