Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 79Page - Renesas Technology Corp RA4C1 Datasheet HTML 80Page - Renesas Technology Corp RA4C1 Datasheet HTML 81Page - Renesas Technology Corp RA4C1 Datasheet HTML 82Page - Renesas Technology Corp RA4C1 Datasheet HTML 83Page - Renesas Technology Corp RA4C1 Datasheet HTML 84Page - Renesas Technology Corp RA4C1 Datasheet HTML 85Page - Renesas Technology Corp RA4C1 Datasheet HTML 86Page - Renesas Technology Corp RA4C1 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 97 page
background image
C3: A capacitor connected between VL2 and GND
C4: A capacitor connected between VL4 and GND
C1 = C2 = C3 = C4 = 0.47 µF ±30%
Note 3. Bit [7] (MDSET[2]) of register VLCD is set to 1 and bits [7:6] (MDSET[1:0]) of register LCDM0 are set to 10 for capacitor split
method (VL4 reference).
2.13
Flash Memory Characteristics
2.13.1
Code Flash Memory Characteristics
Table 2.70
Code flash characteristics (1)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Reprogramming/erasure cycle*1
NPEC
1000
—
—
Times
—
Data hold time After 1000 times NPEC
tDRP
20*2 *3
—
—
Year
Ta = +85 °C
Ta = +105 °C
10
—
—
Year
Ta = +125 °C
Note 1. The reprogram/erase cycle is the number of erasures for each block. When the reprogram/erase cycle is n times (n = 1,000),
erasing can be performed n times for each block. For instance, when 8-byte programming is performed 256 times for different
addresses in 2-KB blocks, and then the entire block is erased, the reprogram/erase cycle is counted as one. However, programming
the same address for several times as one erasure is not enabled (overwriting is prohibited).
Note 2. Characteristic when using the flash memory programmer and the self-programming library provided by Renesas Electronics.
Note 3. This result is obtained from reliability testing.
Table 2.71
Code flash characteristics (2)
High-speed operating mode
Conditions: VCC = AVCC0 = 1.8 to 3.6 V
Parameter
Symbol
ICLK = 1 MHz
ICLK = 48 MHz
Unit
Min
Typ
Max
Min
Typ
Max
Programming time
8-byte
tP8
—
128
1064
—
44.2
420
µs
Erasure time
2-KB
tE2K
—
14.1
390
—
5.5
214
ms
Blank check time
8-byte
tBC8
—
—
67.7
—
—
8.6
µs
2-KB
tBC2K
—
—
7538
—
—
272
µs
Erase suspended time
tSED
—
—
33.4
—
—
10.7
µs
Forced stop time
tFD
—
—
33.4
—
—
10.7
µs
Configuration Set time
tCFGS
—
27
494
—
11
255
ms
Flash memory mode transition wait
time 1
tDIS
2
—
—
2
—
—
µs
Flash memory mode transition wait
time 2
tMS
15
—
—
15
—
—
µs
Note:
Does not include the time until each operation of the flash memory is started after instructions are executed by software.
Note:
The lower-limit frequency of FCLK is 1 MHz during programming or erasing the flash memory.
Note:
The frequency accuracy of FCLK must be ± 1.0% during programming or erasing the flash memory. Confirm the frequency accuracy
of the clock source.
Table 2.72
Code flash characteristics (3) (1 of 2)
Middle-speed operating mode
Conditions: VCC = AVCC0 = 1.6 to 3.6 V
Parameter
Symbol
ICLK = 1 MHz
ICLK = 8 MHz*1
Unit
Min
Typ
Max
Min
Typ
Max
Programming time
8-byte
tP8
—
128
1064
—
50.6
468
µs
Erasure time
2-KB
tE2K
—
14.1
390
—
6.32
231
ms
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 83 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com