Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 52Page - Renesas Technology Corp RA4C1 Datasheet HTML 53Page - Renesas Technology Corp RA4C1 Datasheet HTML 54Page - Renesas Technology Corp RA4C1 Datasheet HTML 55Page - Renesas Technology Corp RA4C1 Datasheet HTML 56Page - Renesas Technology Corp RA4C1 Datasheet HTML 57Page - Renesas Technology Corp RA4C1 Datasheet HTML 58Page - Renesas Technology Corp RA4C1 Datasheet HTML 59Page - Renesas Technology Corp RA4C1 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 97 page
background image
tDr, tDf
tSU
tH
tLEAD
tTD
tLAG
tSA
MSB IN
DATA
LSB IN
MSB IN
MSB OUT
DATA
LSB OUT
MSB IN
MSB OUT
tOH
tOD
tREL
SSLn0
input
RSPCKn
CPOL = 0
input
RSPCKn
CPOL = 1
input
MISOn
output
MOSIn
input
Note:
n = A or B
Figure 2.37
SPI timing (slave, CPHA = 0)
SSLn0
input
RSPCKn
CPOL = 0
input
RSPCKn
CPOL = 1
input
MISOn
output
MOSIn
input
tDr, tDf
tSA
tOH
tLEAD
tTD
tLAG
tH
LSB OUT
(Last data)
DATA
MSB OUT
MSB IN
DATA
LSB IN
MSB IN
LSB OUT
tSU
tOD
tREL
MSB OUT
Note:
n = A or B
Figure 2.38
SPI timing (slave, CPHA = 1)
2.3.10
QSPI Timing
Table 2.41
QSPI timing (1 of 2)
Parameter
Symbol
Min
Max
Unit
Test conditions
QSPCK
clock cycle
2.4 V ≤ VCC ≤ 3.6 V
tQScyc
50
—
ns
Figure 2.39
1.8 V ≤ VCC < 2.4 V
100
—
ns
1.6 V ≤ VCC < 1.8 V
500
—
ns
QSPCK clock high pulse width
tQSWH
tQScyc × 0.4
—
ns
QSPCK clock low pulse width
tQSWL
tQScyc × 0.4
—
ns
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 56 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com