Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 39Page - Renesas Technology Corp RA4C1 Datasheet HTML 40Page - Renesas Technology Corp RA4C1 Datasheet HTML 41Page - Renesas Technology Corp RA4C1 Datasheet HTML 42Page - Renesas Technology Corp RA4C1 Datasheet HTML 43Page - Renesas Technology Corp RA4C1 Datasheet HTML 44Page - Renesas Technology Corp RA4C1 Datasheet HTML 45Page - Renesas Technology Corp RA4C1 Datasheet HTML 46Page - Renesas Technology Corp RA4C1 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 97 page
background image
tIRQW
IRQ
Figure 2.18
IRQ interrupt input timing
2.3.6
I/O Ports, POEG, GPT, AGT, and ADC12 Trigger Timing
Table 2.35
I/O Ports, POEG, GPT, AGT, and ADC12 trigger timing
Parameter
Symbol
Min
Max
Unit
Test
conditions
I/O Ports
Input data pulse width
2.7 V ≤ VCC ≤ 5.5 V
tPRW
2
—
tPcyc
Figure 2.19
2.4 V ≤ VCC < 2.7 V
3
1.6 V ≤ VCC < 2.4 V
4
POEG
POEG input trigger pulse width
tPOEW
3
—
tPcyc
Figure 2.20
GPT
Input capture pulse width
Single edge
tGTICW
1.5
—
tPDcyc
Figure 2.21
Dual edge
2.5
—
AGT
AGTIO, AGTEE input cycle
1.8 V ≤ VCC ≤ 5.5 V
tACYC*1
250
—
ns
Figure 2.22
1.6 V ≤ VCC < 1.8 V
2000
—
ns
AGTIO, AGTEE input high-level
width, low-level width
1.8 V ≤ VCC ≤ 5.5 V
tACKWH,
tACKWL
100
—
ns
1.6 V ≤ VCC < 1.8 V
800
—
ns
AGTIO, AGTO, AGTOA,
AGTOB output cycle
2.7 V ≤ VCC ≤ 5.5 V
tACYC2
62.5
—
ns
Figure 2.22
2.4 V ≤ VCC < 2.7 V
125
—
ns
1.8 V ≤ VCC < 2.4 V
250
—
ns
1.6 V ≤ VCC < 1.8 V
500
—
ns
ADC12
12-bit A/D converter trigger input pulse width
tTRGW
1.5
—
tPcyc
Figure 2.23
Note 1. Constraints on AGTIO input: tPcyc × 2 (tPcyc: PCLKB cycle) < tACYC.
Port
tPRW
Figure 2.19
I/O ports input timing
POEG input trigger
tPOEW
Figure 2.20
POEG input trigger timing
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 43 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com