Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RA4C1 Datasheet HTML 1Page - Renesas Technology Corp RA4C1 Datasheet HTML 2Page - Renesas Technology Corp RA4C1 Datasheet HTML 3Page - Renesas Technology Corp RA4C1 Datasheet HTML 4Page - Renesas Technology Corp RA4C1 Datasheet HTML 5Page - Renesas Technology Corp RA4C1 Datasheet HTML 6Page - Renesas Technology Corp RA4C1 Datasheet HTML 7Page - Renesas Technology Corp RA4C1 Datasheet HTML 8Page - Renesas Technology Corp RA4C1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
RA4C1 Group
Renesas Microcontrollers
The RA4C1 group are low power, 32-bit microcontrollers (MCUs) based on the Arm® Cortex®-M33 (CM33) core with
TrustZone®, delivering an ideal balance of low voltage operation, low power consumption and high performance combined
with an advanced security engine needed by many security sensitive applications. The RA4C1 offers up to 512 KB of code
flash memory, 8 KB of data flash memory and 96 KB of SRAM. The RA4C1 offers a wide range of peripheral features
including 2 × I2C, CANFD, 3 × SPI, Quad SPI, a segment LCD controller and an RTC with independent power supply, and
comes in 64 and 100 pin LQFP packages.
Features
R01DS0457EJ0110
Rev.1.10
Jul 4, 2025
■ Arm® Cortex®-M33 Core
● Armv8-M architecture with the main extension
● Maximum operating frequency: 80 MHz
● Arm Memory Protection Unit (Arm MPU)
– Protected Memory System Architecture (PMSAv8)
– Secure MPU (MPU_S): 8 regions
– Non-secure MPU (MPU_NS): 8 regions
● SysTick timer
– Embeds two Systick timers: Secure and Non-secure instance
– Driven by LOCO or system clock
● CoreSight™ ETM-M33
■ Memory
● Up to 512 KB code flash memory
● 8 KB data flash memory (100,000 program/erase (P/E) cycles)
● 96 KB SRAM
■ Connectivity
● Serial Communications Interface (SCI) × 6
– Asynchronous interfaces
– 8-bit clock synchronous interface
– Smart card interface
– Simple IIC
– Simple SPI
– Simple LIN (SCI1)
– Manchester coding (SCI3, SCI4)
● IrDA interface (IrDA)
● I2C bus interface (IIC) × 2
● Serial Interface UARTA (UARTA) × 2
● Serial Peripheral Interface (SPI) × 3
● Quad Serial Peripheral Interface (QSPI)
● CAN with Flexible Data-rate (CANFD)
■ Analog
● 12-bit A/D Converter (ADC12)
● Temperature Sensor (TSN)
■ Timers
● General PWM Timer 32-bit (GPT32) × 2
● General PWM Timer 16-bit (GPT16) × 4
● Low Power Asynchronous General Purpose Timer (AGT) × 2
■ Security and Encryption
● Renesas Secure IP (RSIP-E31A)
– Symmetric algorithms: AES
– Asymmetric algorithms: ECC
– Hash-value generation: SHA224, SHA256
– 128-bit unique ID
● Arm® TrustZone®
– Up to three or six regions for the code flash, depending on the
bank mode
– Up to two regions for the data flash
– Up to three regions for the SRAM
– Individual secure or non-secure security attribution for each
peripheral
● Device lifecyle management
● Pin function
– Up to three tamper pins
– Secure pin multiplexing
■ System and Power Management
● Low power modes
● Independent power supply Realtime Clock (RTC)
● Independent power supply (VRTC) domain power-on reset
(VRTC_POR) circuit
● Event Link Controller (ELC)
● Data Transfer Controller (DTC)
● DMA Controller (DMAC) × 8
● Power-on reset
● Low Voltage Detection (LVD) with voltage settings
● Low Voltage Detection for EXLVDVBAT pin
● Low Voltage Detection for VRTC pin
● Low Voltage Detection for EXLVD pin
● Watchdog Timer (WDT)
● Independent Watchdog Timer (IWDT)
■ Human Machine Interface (HMI)
● Segment LCD Controller (SLCDC)
■ Multiple Clock Sources
● Main clock oscillator (MOSC) (1 to 20 MHz)
● Sub-clock oscillator (SOSC) (32.768 kHz)
● High-speed on-chip oscillator (HOCO) (48/64/80 MHz)
● Middle-speed on-chip oscillator (MOCO) (8 MHz)
● Low-speed on-chip oscillator (LOCO) (32.768 kHz)
● IWDT-dedicated on-chip oscillator (15 kHz)
● Clock trim function for HOCO/MOCO/LOCO
● PLL
● PLL_RTC
● Clock out support
■ General-Purpose I/O Ports
● 5-V tolerance, open drain, input pull-up
■ Operating Voltage
● VCC: 1.6 to 3.6 V
■ Operating Temperature and Packages
● Ta = -40 ℃ to +105 ℃
– 100-pin LQFP (14 mm × 14 mm, 0.5 mm pitch)
– 64-pin LQFP (10 mm × 10 mm, 0.5 mm pitch)
Datasheet
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 1 of 97


Similar Part No. - RA4C1

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
RA4 APEX-ELECTRONICS-RA4 Datasheet
735Kb / 2P
Rocker switches
logo
fujitsu semiconductor
RA4-12W-K FUJITSU-RA4-12W-K Datasheet
417Kb / 8P
MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
RA4-D12W-K FUJITSU-RA4-D12W-K Datasheet
417Kb / 8P
MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
List of Unclassifed Man...
RA400 ETC-RA400 Datasheet
661Kb / 1P
RESISTORS ASSEMBLIES
logo
Systemsensor advanced i...
RA400Z SYSTEMSENSOR-RA400Z Datasheet
223Kb / 2P
Plug-in 190째F Thermal Detector
More results

Similar Description - RA4C1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
16C6N4 RENESAS-16C6N4 Datasheet
687Kb / 92P
Renesas MCU
R32C111 RENESAS-R32C111 Datasheet
974Kb / 84P
RENESAS MCU
UPD70F3741GC RENESAS-UPD70F3741GC Datasheet
10Mb / 889P
RENESAS MCU V850ES/JG3 Microcontrollers
UPD70F3786GJ-GAE-AX RENESAS-UPD70F3786GJ-GAE-AX Datasheet
9Mb / 1817P
RENESAS MCU V850ES/Jx3-E Microcontrollers
UPD70F3793GC-UEU-AX RENESAS-UPD70F3793GC-UEU-AX Datasheet
6Mb / 1113P
RENESAS MCU V850ES/Jx3-L Microcontrollers
RA6T2 RENESAS-RA6T2 Datasheet
1Mb / 93P
Renesas Microcontrollers
Mar 31, 2022
R01DS0410EJ0110 RENESAS-R01DS0410EJ0110 Datasheet
1Mb / 92P
Renesas Microcontrollers
Feb 28, 2023
R01DS0413EJ0110 RENESAS-R01DS0413EJ0110 Datasheet
2Mb / 90P
Renesas Microcontrollers
Feb 28, 2023
RA4E2 RENESAS-RA4E2 Datasheet
2Mb / 90P
Renesas Microcontrollers
Feb 28, 2023
RA6E2 RENESAS-RA6E2 Datasheet
1Mb / 92P
Renesas Microcontrollers
Feb 28, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com