Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 28Page - Renesas Technology Corp RA4C1 Datasheet HTML 29Page - Renesas Technology Corp RA4C1 Datasheet HTML 30Page - Renesas Technology Corp RA4C1 Datasheet HTML 31Page - Renesas Technology Corp RA4C1 Datasheet HTML 32Page - Renesas Technology Corp RA4C1 Datasheet HTML 33Page - Renesas Technology Corp RA4C1 Datasheet HTML 34Page - Renesas Technology Corp RA4C1 Datasheet HTML 35Page - Renesas Technology Corp RA4C1 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 97 page
background image
2.2.8.1
Calculation Guide of ICCmax
Table 2.21 shows the power consumption of each unit and Table 2.22 shows the outline of operation for each unit.
Table 2.21
Power consumption of each unit
Dynamic current/
Leakage current
MCU Domain
Category
Item
Frequency
[MHz]
Current [μA/
MHz]
Current*1 [mA]
Leakage current
Analog
LDO and Leak*2
Ta = 25 °C*3
—
—
2.54
Ta = 55 °C*3
—
—
2.59
Ta = 75 °C*3
—
—
2.68
Ta = 85 °C*3
—
—
2.76
Ta = 95 °C*3
—
—
2.88
Ta = 105 °C*3
—
—
3.07
Dynamic current
CPU
Operation with
Flash and SRAM
Coremark
80
271
21.7
Peripheral Unit
Timer
GPT16 (4ch)*4
80
18.7
1.49
GPT32 (2ch)*4
80
10.8
0.86
POEG (4
Groups)*4
40
4.82
0.19
AGT (2ch)*4
40
8.03
0.32
RTC*6
40
4.54
0.18
WDT
40
2.36
0.09
IWDT
40
0.78
0.03
Communication
interfaces
SCI (6ch)*4
80
47.8
3.82
IrDA*5
80
7.88
0.63
IIC (2ch)*4
40
10.2
0.41
CANFD
40
19.0
0.76
SPI (3ch)*4
80
27.6
2.21
QSPI
80
5.99
0.48
UARTA (2ch)*4
40
15.3
0.61
Analog
ADC12
80
6.26
0.50
Human machine
interfaces
SLCDC
40
7.96
0.32
Event link
ELC
40
2.01
0.08
Security
RSIP-E31A
40
488
19.5
Data processing
CRC
80
5.64
0.45
DOC
80
0.79
0.06
System
CAC
40
2.88
0.12
DMA
DMAC (per 1ch)
80
23.6
1.89
DTC
80
22.3
1.78
Note 1. The values are guaranteed by design.
Note 2. LDO and Leak are internal voltage regulator’s current and MCU’s leakage current. It is selected according to the temperature of Ta.
Note 3. Δ(Tj-Ta) = 20 °C is considered to measure the current.
Note 4. To determine the current consumption per channel, group or unit, divide Current [mA] by the number of channels, groups or units.
Note 5. Includes current for 1 channel of SCI.
Note 6. RTC operationg current flow into VRTC power supply.
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 32 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com