Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 17Page - Renesas Technology Corp RA4C1 Datasheet HTML 18Page - Renesas Technology Corp RA4C1 Datasheet HTML 19Page - Renesas Technology Corp RA4C1 Datasheet HTML 20Page - Renesas Technology Corp RA4C1 Datasheet HTML 21Page - Renesas Technology Corp RA4C1 Datasheet HTML 22Page - Renesas Technology Corp RA4C1 Datasheet HTML 23Page - Renesas Technology Corp RA4C1 Datasheet HTML 24Page - Renesas Technology Corp RA4C1 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 97 page
background image
Table 2.5
I/O IOH, IOL (2 of 4)
Conditions: VCC = AVCC0 = 1.6 to 3.6 V
Parameter
Symbol
Min
Typ
Max
Unit
Test
conditions
Permissible output
current (max value
total pins)*1
All products
Total of ports
P000 to P004,
P010, P011
ΣIOH (max)
—
—
−30
mA
AVCC0 = 2.7
to 3.6 V
—
—
−8
mA
AVCC0 = 1.8
to 2.7 V
—
—
−4
mA
AVCC0 = 1.6
to 1.8 V
ΣIOL (max)
—
—
50
mA
AVCC0 = 2.7
to 3.6 V
—
—
4
mA
AVCC0 = 1.8
to 2.7 V
—
—
2
mA
AVCC0 = 1.6
to 1.8 V
Total of ports
P212, P213
ΣIOH
—
—
−8.0
mA
VCC = 2.7 to
3.6 V
—
—
−2
mA
VCC = 1.8 to
2.7 V
—
—
−1
mA
VCC = 1.6 to
1.8 V
ΣIOL
—
—
16.0
mA
VCC = 2.7 to
3.6 V
—
—
1.2
mA
VCC = 1.8 to
2.7 V
—
—
0.6
mA
VCC = 1.6 to
1.8 V
100 pin products
Total of ports
P400 to P406,
P408 to P415,
P708
ΣIOH (max)
—
—
−30
mA
VCC = 2.7 to
3.6 V
—
—
−8
mA
VCC = 1.8 to
2.7 V
—
—
−4
mA
VCC = 1.6 to
1.8 V
ΣIOL (max)
—
—
50
mA
VCC = 2.7 to
3.6 V
—
—
4
mA
VCC = 1.8 to
2.7 V
—
—
2
mA
VCC = 1.6 to
1.8 V
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 21 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com