Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4C1 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 16Page - Renesas Technology Corp RA4C1 Datasheet HTML 17Page - Renesas Technology Corp RA4C1 Datasheet HTML 18Page - Renesas Technology Corp RA4C1 Datasheet HTML 19Page - Renesas Technology Corp RA4C1 Datasheet HTML 20Page - Renesas Technology Corp RA4C1 Datasheet HTML 21Page - Renesas Technology Corp RA4C1 Datasheet HTML 22Page - Renesas Technology Corp RA4C1 Datasheet HTML 23Page - Renesas Technology Corp RA4C1 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 97 page
background image
Note:
Make sure that Tj = Ta + θja × total power consumption (W), where total power consumption = (VCC - VOH) × ΣIOH + VOL × ΣIOL +
ICCmax × VCC.
Note 1. The upper limit of operating temperature is 125 °C, depending on the product. If the part number shows the operation temperature
at 105 °C, then the maximum value of Tj is 125 °C.
2.2.2
I/O VIH, VIL
Table 2.4
I/O VIH, VIL
Conditions: VCC = AVCC0 = 1.6 to 3.6 V, VRTC = 1.6 to 3.6 V
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Schmitt trigger
input voltage
IIC (SDA0_A,
SCL0_A, SDA1_A,
SCL1_A) (except for
SMBus)*1
VIH
VCC × 0.7
—
5.8
V
—
VIL
—
—
VCC × 0.3
ΔVT
VCC × 0.10
—
—
VCC = 2.7 V to 3.6 V
VCC × 0.05
—
—
VCC = 1.6 V to2.7 V
RES, NMI Other
peripheral input
pins excluding IIC
(SDA0_A, SCL0_A,
SDA1_A, SCL1_A)
VIH
VCC × 0.8
—
—
—
VIL
—
—
VCC × 0.2
ΔVT
VCC × 0.10
—
—
VCC = 2.7 V to 3.6 V
VCC × 0.05
—
—
VCC = 1.6 V to 2.7 V
RTCIC0
VIH
VRTC × 0.8
—
—
—
VIL
—
—
VRTC × 0.2
—
ΔVT
—
0.71
—
—
Input voltage
except for
Schmitt trigger
input pin
IIC (SMBus)*2
VIH
2.0
—
—
VCC = 1.8 to 3.6 V
VIL
—
—
0.5
VCC = 1.8 to 3.6 V
5V-tolerant ports*3
VIH
VCC × 0.8
—
5.8
—
VIL
—
—
VCC × 0.2
P000 to P004, P010,
P011
VIH
AVCC0 × 0.8
—
—
VIL
—
—
AVCC0 × 0.2
P214, P215
VIH
VRTC × 0.8
—
—
VIL
—
—
VRTC × 0.2
Input port pins except
for P000 to P004,
P010, P011
VIH
VCC × 0.8
—
—
VIL
—
—
VCC × 0.2
Note 1. SCL0_A, SDA0_A, SDA1_A, SCL1_A (total 4 pins)
Note 2. SCL0_A, SDA0_A, SCL0_B, SDA0_B, SDA1_A, SCL1_A (total 6 pins)
Note 3. P400, P401, P301, P302 (total 4 pins)
2.2.3
I/O IOH, IOL
Table 2.5
I/O IOH, IOL (1 of 4)
Conditions: VCC = AVCC0 = 1.6 to 3.6 V
Parameter
Symbol
Min
Typ
Max
Unit
Test
conditions
Permissible output current (average value per pin)
IOH
—
—
−4.0
mA
IOL
—
—
8.0
mA
Permissible output current (max value per pin)
IOH
—
—
−4.0
mA
IOL
—
—
8.0
mA
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 20 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com