Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 129 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 129 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 125Page - ams-OSRAM AG AS3722 Datasheet HTML 126Page - ams-OSRAM AG AS3722 Datasheet HTML 127Page - ams-OSRAM AG AS3722 Datasheet HTML 128Page - ams-OSRAM AG AS3722 Datasheet HTML 129Page - ams-OSRAM AG AS3722 Datasheet HTML 130Page - ams-OSRAM AG AS3722 Datasheet HTML 131Page - ams-OSRAM AG AS3722 Datasheet HTML 132Page - ams-OSRAM AG AS3722 Datasheet HTML 133Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 199 page
background image
Page 128
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Register Description
Figure 130:
SD6_control
Addr:2fh
SD6_control
Bit
Bit Name
Default
Access
Bit Description
7:6
sd6_trim_gm
0
RW_SM
Selects gm setting of OTA
0 : fast setting
1 : slow setting
2 : medium setting
3 : very slow setting
5
sd6_force_pwm
0
RW
Selects force pwm mode
0 : normal mode
1 : force pwm, inverted coil current possible to
keep the fixed frequency
4sd6_fast
0
RW
Selects a faster regulation mode for SD6 suitable
for larger load changes.
0 : normal mode, Cout (according spec)
1 : fast mode, 2 x Cout (according spec) required
3
sd6_combine_phas
e
0RW_SM
Selects phase mode (set during startup subdie
test)
0 : normal mode
1 : combine phase 1 and 2
2
sd6_ph2c_on
0
RW_SM
Selects high current mode of SD6 (doubled
current) (set during startup subdie test)
0 : normal mode (only one supdie connected)
1 : second subdie on pin TEMP2_SD6 detected
(short CTRL1 and CTRL2 of each subdie and
connect to CTRL1_SD6 and CTRL2_SD6)
1
sd6_low_noise
0
RW
Enables low noise mode of SD6. If enabled
smaller
current pulses and output ripple is activated
0 : Normal mode. Minimum current pulses of
about 100f the current limit are applied in skip
mode
1 : Low noise mode. Only minimum on time
applied in skip mode
0
sd6_phases
1
RW_SM
Selects number of phases for SD6 (set during
startup subdie test, can be changed after that)
0 : 1 phase used
1 : 2 phases used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com