Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 132 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 132 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 128Page - ams-OSRAM AG AS3722 Datasheet HTML 129Page - ams-OSRAM AG AS3722 Datasheet HTML 130Page - ams-OSRAM AG AS3722 Datasheet HTML 131Page - ams-OSRAM AG AS3722 Datasheet HTML 132Page - ams-OSRAM AG AS3722 Datasheet HTML 133Page - ams-OSRAM AG AS3722 Datasheet HTML 134Page - ams-OSRAM AG AS3722 Datasheet HTML 135Page - ams-OSRAM AG AS3722 Datasheet HTML 136Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 199 page
background image
ams Datasheet
Page 131
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Register Description
Figure 133:
Battery_voltage_monitor
Addr:32h
Battery_voltage_monitor
Bit
Bit Name
Default
Access
Bit Description
7FastResEn
0
RW
0 : ResVoltFall debounce time = 4 ms
1 : ResVoltFall debounce time = 4 us
6SupResEn
0
RW_SS
0 : A reset is generated if VBAT or VSUP falls below
2.5V. If VBAT falls below ResVoltFall only an
interrupt is generated (if enabled) and the
uProcessor can shut down the system)
1 : A reset is generated if VBAT falls below
ResVoltFall or VSUP falls below vsup_min
5:3
ResVoltFall
0
RW_SM
This value determines the reset level ResVoltFall for
falling VBAT.
For stacked battery systems (ncells>0) the level
gets multiplied with the number of cells.
It is recommended to set this value at least 200mV
lower than ResVoltRise
0 : 2.5V * (ncells+1)
1 : 2.7V * (ncells+1)
2 : 2.95V * (ncells+1)
3 : 3.1V * (ncells+1)
4 : 3.2V * (ncells+1)
5 : 3.3V * (ncells+1)
6 : 3.4V * (ncells+1)
7 : 3.6V * (ncells+1)
2:0
ResVoltRise
0
RW_SM
This value determines the reset level ResVoltRise
for rising VBAT.
For stacked battery systems (ncells>0) the level
gets multiplied with the number of cells.
It is recommended to set this value at least 200mV
higher than ResVoltFall
0 : 2.5V * (ncells+1)
1 : 2.7V * (ncells+1)
2 : 2.95V * (ncells+1)
3 : 3.1V * (ncells+1)
4 : 3.2V * (ncells+1)
5 : 3.3V * (ncells+1)
6 : 3.4V * (ncells+1)
7 : 3.6V * (ncells+1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com