Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 134 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 134 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 130Page - ams-OSRAM AG AS3722 Datasheet HTML 131Page - ams-OSRAM AG AS3722 Datasheet HTML 132Page - ams-OSRAM AG AS3722 Datasheet HTML 133Page - ams-OSRAM AG AS3722 Datasheet HTML 134Page - ams-OSRAM AG AS3722 Datasheet HTML 135Page - ams-OSRAM AG AS3722 Datasheet HTML 136Page - ams-OSRAM AG AS3722 Datasheet HTML 137Page - ams-OSRAM AG AS3722 Datasheet HTML 138Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 199 page
background image
ams Datasheet
Page 133
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Register Description
Figure 135:
ResetTimer
Figure 136:
ReferenceControl
Addr:34h
ResetTimer
Bit
Bit Name
Default
Access
Bit Description
6
stby_reset_enable
0
RW
Enable Reset output signal (pin XRES_OUT) in
standby mode
0 : No reset (XRES_OUT=1) in standby mode and
during exit of standby mode
1 : Reset is active (XRES_OUT=0) in standby mode
5
auto_off
0
RW_SS
Defines startup behavior at first battery insertion
or reset cycle
0 : Startup of chip if VBAT>ResVoltRise
1 : Enter power off mode (waiting for start-up
event e.g. ONKEY)
4:3
off_delay
1
RW
Set Delay between I2C command, GPIO or Reset
signal for power_off, standby mode or reset
and execution of that command
0 : no delay
1 : 8 ms
2 : 16 ms
3 : 32 ms
1:0
res_timer
0
RW_SM
Set Reset Time, after the last regulator has started
0 : RESTIME = 0 ms
1 : RESTIME = 5 ms
2 : RESTIME = 11 ms
3 : RESTIME = 15 ms
Addr:35h
ReferenceControl
Bit
Bit Name
Default
Access
Bit Description
7force_softreset
0
RW_SM
Setting to 1 starts a soft reset cycle
Reset_out is activated and startup sequence is
executed without switching of the regulators
(voltage preset)
5
clk_div2
0
RW_SM
Divide internal clock oscillator by 2 to reduce
quiescent current for low power operation
0 : Normal mode
1 : Internal clock frequency divided by two. All
timings are increased by two. Switching frequency
of all stepdown converters are divided by two.
Reduced transient performance of stepdown
converters.
4
standby_mode_on
0
RW_SM
Setting to 1 sets the PMU into standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com