Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 135 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 135 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 131Page - ams-OSRAM AG AS3722 Datasheet HTML 132Page - ams-OSRAM AG AS3722 Datasheet HTML 133Page - ams-OSRAM AG AS3722 Datasheet HTML 134Page - ams-OSRAM AG AS3722 Datasheet HTML 135Page - ams-OSRAM AG AS3722 Datasheet HTML 136Page - ams-OSRAM AG AS3722 Datasheet HTML 137Page - ams-OSRAM AG AS3722 Datasheet HTML 138Page - ams-OSRAM AG AS3722 Datasheet HTML 139Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 199 page
background image
Page 134
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Register Description
Figure 137:
ResetControl
3:1
clk_int
0
RW_SM
Sets the internal CLK frequency fCLK used for
Stepdowns, PWM, ...
0 : 4 MHz (default)
1 : 3.8 MHz
2 : 3.6 MHz
3 : 3.4 MHz
4 : 3.2 MHz
5 : 3.0 MHz
6 : 2.8 MHz
7 : 2.6 MHz
All frequencies, timings and delays in this datasheet
are based on 4MHz clk_int
0
low_power_on
0
RW_SM
Enable low power mode of internal reference.
0 : Standard mode
1 : Low power mode - all specification except noise
parameters are still valid. Iq reduced by approx.
45uA
Addr:36h
ResetControl
Bit
Bit Name
Default
Access
Bit Description
4:3
reset_debounce
0
RW
Sets debounce time for RESET_IN
0 : 0.1 ms
1 : 4 ms
2 : 8 ms
3 : 16 ms
2
onkey_input
0
R_PUSH
READ : This flag represents the state of the ONkey
pad directly
WRITE : Setting to 1 resets the 2/4/8 sec. Onkey reset
timer
1power_off
0
RW_SM
Setting to 1 starts a reset cycle, and puts the PMIC
into Power_off state
0
force_reset
0
RW
Setting to 1 starts a complete reset cycle
Addr:35h
ReferenceControl
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com