Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 133 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 133 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 129Page - ams-OSRAM AG AS3722 Datasheet HTML 130Page - ams-OSRAM AG AS3722 Datasheet HTML 131Page - ams-OSRAM AG AS3722 Datasheet HTML 132Page - ams-OSRAM AG AS3722 Datasheet HTML 133Page - ams-OSRAM AG AS3722 Datasheet HTML 134Page - ams-OSRAM AG AS3722 Datasheet HTML 135Page - ams-OSRAM AG AS3722 Datasheet HTML 136Page - ams-OSRAM AG AS3722 Datasheet HTML 137Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 199 page
background image
Page 132
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Register Description
Figure 134:
Startup_Control
Addr:33h
Startup_Control
Bit
Bit Name
Default
Access
Bit Description
3
onkey_lpress_reset
0
RW_SS
Selects behavior on onkey_lpress
0 : change to power_off mode on long press
1 : apply reset on long press
2
lid_rising_en
0
RW
Select LID detection in power off mode
Read write
0 : Exit of Power Off mode, if LID is detected
(level detection)
1 : Exit of Power Off mode, if LID active is
detected (rising edge detection after possible
inversion)
1
ac_ok_rising_en
0
RW
Select AC_OK detection in power off mode
Read Write
0 : Exit of Power Off mode, if AC_OK is detected
(level detection)
1 : Exit of Power Off mode, if AC_OK active is
detected (rising edge detection after possible
inversion)
0
power_off_at_vsuplow
0
RW_SS
Switch on Power_Off mode if low VBAT/VSUP is
detected during Active or Standby mode (pin
ONKEY=low and bit auto_off=0)
0 : If low VBAT/VSUP is detected, continuously
monitor battery voltage and startup if battery
voltage is above ResVoltRise
1 : If low VBAT/VSUP is detected, enter
Power_Off mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com