Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 177 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 177 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 173Page - ams-OSRAM AG AS3722 Datasheet HTML 174Page - ams-OSRAM AG AS3722 Datasheet HTML 175Page - ams-OSRAM AG AS3722 Datasheet HTML 176Page - ams-OSRAM AG AS3722 Datasheet HTML 177Page - ams-OSRAM AG AS3722 Datasheet HTML 178Page - ams-OSRAM AG AS3722 Datasheet HTML 179Page - ams-OSRAM AG AS3722 Datasheet HTML 180Page - ams-OSRAM AG AS3722 Datasheet HTML 181Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 199 page
background image
Page 176
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Register Description
Figure 215:
Fuse12
Figure 216:
Fuse13
Addr:ach
Fuse12
Bit
Bit Name
Default
Access
Bit Description
7:6
sdmph_clk_div
0
RW
Divide clock of SD0,SD1,SD6 by 1,2 or 4
0 : 2.7MHz
1 : 1.35MHz
2 : 0.675MHz
3 : 0.675MHz
5:4
wtdg_mode
0
RW
defines actions when the watchdog expires
0 : interrupt only
1 : performs a reset cycle, then try restart
2 : power-off
3 : performs up to 2 reset cycles, then
power-off
3wtdg_on
0
RW
Enable the watch dog timer. Expiry of the timer
will reset the device (see WatchdogControl).
2enable3_inv
0
RW
Sets the polarity of the ENABLE3 pin
0 : High active for ENABLE3
1 : Inverted: Low active for ENABLE3
1enable2_inv
0
RW
Sets the polarity of the ENABLE2 pin
0 : High active for ENABLE2
1 : Inverted: Low active for ENABLE2
0therm_inv
0
RW
Sets the polarity of the THERM pin
0 : High active for THERM event
1 : Inverted: Low active for THERM event
Addr:adh
Fuse13
Bit
Bit Name
Default
Access
Bit Description
7:6
sd0_vmax_0
0
RW
5:4
sd6_trim_gm
0
RW
3:2
sd1_trim_gm
0
RW
1:0
sd0_trim_gm
0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com