Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 181 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 181 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 177Page - ams-OSRAM AG AS3722 Datasheet HTML 178Page - ams-OSRAM AG AS3722 Datasheet HTML 179Page - ams-OSRAM AG AS3722 Datasheet HTML 180Page - ams-OSRAM AG AS3722 Datasheet HTML 181Page - ams-OSRAM AG AS3722 Datasheet HTML 182Page - ams-OSRAM AG AS3722 Datasheet HTML 183Page - ams-OSRAM AG AS3722 Datasheet HTML 184Page - ams-OSRAM AG AS3722 Datasheet HTML 185Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 199 page
background image
Page 180
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Register Description
Figure 222:
Reg0_control
Figure 223:
Reg1_control
Addr:e0h
Reg0_control
Bit
Bit Name
Default
Access
Bit Description
4:0
Reg0_select_stby
1Fh
RW
Selects regulator address for mapping;
if Reg0_select_stby>=1Fh then timeslot is
unused
00h : SD0
01h : SD1
.. : ..
06h : SD6
07h : n/a
08h : GPIO0
.. : ..
0Fh : GPIO7
10h : LDO0
.. : ..
1Bh : LDO11
1Ch : n/a
1Dh : LD03_settings
1Eh : GPIO_deb1
1Fh : timeslot unused
5Reg0_delay_stby
0
RW
Selects delay for standby entry after reg0_select
is executed;
selects delay for standby exit before reg0_select
is executed
6
delay_time_stby
0
RW
Selects delay time for standby entry/exit
0 : 1msec delay
1 : 4msec delay
Addr:e1h
Reg1_control
Bit
Bit Name
Default
Access
Bit Description
4:0
Reg1_select_stby
1Fh
RW
Selects regulator for mapping;
if Reg1_select_stby>=1Fh then timeslot is
unused
5
Reg1_delay_stby
0
RW
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com