Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 183 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 183 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 179Page - ams-OSRAM AG AS3722 Datasheet HTML 180Page - ams-OSRAM AG AS3722 Datasheet HTML 181Page - ams-OSRAM AG AS3722 Datasheet HTML 182Page - ams-OSRAM AG AS3722 Datasheet HTML 183Page - ams-OSRAM AG AS3722 Datasheet HTML 184Page - ams-OSRAM AG AS3722 Datasheet HTML 185Page - ams-OSRAM AG AS3722 Datasheet HTML 186Page - ams-OSRAM AG AS3722 Datasheet HTML 187Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 199 page
background image
Page 182
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Register Description
Figure 226:
SpareRegister1
Addr:f4h
SpareRegister1
Bit
Bit Name
Default
Access
Bit Description
7
disable_stby_lid_int
0
RW_SM
Selection, if LID interrupt is used to exit
standby mode directly
0 : Exit stanby mode with LID interrupt
1 : Do not exit stanby mode with LID
interrupt, if enable1_deepsleep=1
6
disable_stby_acok_int
0
RW_SM
Selection, if ACOK interrupt is used to exit
standby mode directly
0 : Exit stanby mode with AC_OK interrupt
1 : Do not exit stanby mode with AC_OK
interrupt, if enable1_deepsleep=1
5
sparereg1
0
RW_SM
 
4:0
osc32k_trim
0
RW_SM
Select internal load capacitor on XIN32K and
XOUT32k
0h : 12 pF
1h : 12.5 pF
2h : 13 pF
3h : 13.5 pF
4h : 14 pF
5h : 14.5 pF
6h : 15 pF
7h : 15.5 pF
.. : .. pF
Eh : 19 pF
Fh : 19.5 pF
10h : 4 pF
11h : 4.5 pF
.. : .. pF
1E : 12 pF
1F : 12.5 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com