Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 179 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 179 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 175Page - ams-OSRAM AG AS3722 Datasheet HTML 176Page - ams-OSRAM AG AS3722 Datasheet HTML 177Page - ams-OSRAM AG AS3722 Datasheet HTML 178Page - ams-OSRAM AG AS3722 Datasheet HTML 179Page - ams-OSRAM AG AS3722 Datasheet HTML 180Page - ams-OSRAM AG AS3722 Datasheet HTML 181Page - ams-OSRAM AG AS3722 Datasheet HTML 182Page - ams-OSRAM AG AS3722 Datasheet HTML 183Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 199 page
background image
Page 178
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Register Description
Figure 218:
Fuse15
Figure 219:
Fuse16
Addr:afh
Fuse15
Bit
Bit Name
Default
Access
Bit Description
7rtc_lock
0
RW
RTC write access lock/unlock state at startup
0 : unlock
1 : lock
1:0
ncells
0
RW
Selects number of cells that are connected to
VBAT pin
0 : 1 cell: reset_rise = 2.5...3.6
1 : 2 cell: reset_rise = 2*(2.5...3.6) = 5.0....7.2
2 : 3 cell: reset_rise = 3*(2.5...3.6) = 7.5...10.8
3 : 4 cell: reset_rise = 4*(2.5...3.6) = 10....14.4
4:2
vsup_min
0
RW
Defines minimum value on VSUP for startup/reset
: vsys_hi
0 : 2.55V
1 : 2.7V
2 : 3.0V
3 : 3.2V
4 : 4.5V
5 : 4.7V
6 : 4.8V
7 : 4.9V
5I2C_bus_pullup
0
RW
I2C data and CLK PMIC internal pull-ups
enabled/dissabled
0 : pull-ups disabled
1 : pull-ups enabled
Addr:b0h
Fuse16
Bit
Bit Name
Default
Access
Bit Description
0Reg0_select_MSB
0
RW
 
1Reg0_delay
0
RW
Selects delay before Slot0 for startup
Selects delay after Slot0 for shutdown
2Reg1_select_MSB
0
RW
 
3Reg1_delay
0
RW
 
4Reg2_select_MSB
0
RW
 
5Reg2_delay
0
RW
 
6Reg3_select_MSB
0
RW
 
7Reg3_delay
0
RW
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com