Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 117 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 117 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 113Page - ams-OSRAM AG AS7038RB Datasheet HTML 114Page - ams-OSRAM AG AS7038RB Datasheet HTML 115Page - ams-OSRAM AG AS7038RB Datasheet HTML 116Page - ams-OSRAM AG AS7038RB Datasheet HTML 117Page - ams-OSRAM AG AS7038RB Datasheet HTML 118Page - ams-OSRAM AG AS7038RB Datasheet HTML 119Page - ams-OSRAM AG AS7038RB Datasheet HTML 120Page - ams-OSRAM AG AS7038RB Datasheet HTML 121Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 116
Addr: 0xa0
STATUS
Bit
Bit Name
Default
Access
Bit Description
4
irq_fifothreshold
0
R_PUSH1
FIFO is almost full (as defined in
fifo_threshold, usually 3/4)
3
irq_adc_threshold
0
R_PUSH1
The ADC value was above the
programmed adc_threshold register
setting
2
irq_ltf
0
R_PUSH1
LTF measurement is done. check
LTFSTATUS (or ignore it)
1
irq_sequencer
0
R_PUSH1
All configured sequencer iterations
have finished
0
irq_adc
0
R_PUSH1
ADC has finished
The STATUS register shows the current state of the interface. Some bits in here can trigger an
interrupt.
An asserted bit can be cleared by writing a '1' to it - in case of irq_led_supply_low and irq_clipdetect,
this also clears the underlying condition in the CLIPSTATUS and LEDSTATUS registers.
The FIFO threshold interrupt cannot be cleared directly, but only by lowering the FIFO level. The FIFO
overflow interrupt is sticky and must be cleared explicitly.
STATUS2 (Address 0xa1)
Figure 163:
STATUS2 Register
Addr: 0xa1
STATUS2
Bit
Bit Name
Default
Access
Bit Description
7:3
Not used
0
R_PUSH1
Not used
2
irq_ltf_threshold_high
0
R_PUSH1
The LTF value was above the
programmed ltf_threshold_high
register setting
1
irq_ltf_threshold_low
0
R_PUSH1
The LTF value was below the
programmed ltf_threshold_low register
setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com