Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 119 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 119 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 115Page - ams-OSRAM AG AS7038RB Datasheet HTML 116Page - ams-OSRAM AG AS7038RB Datasheet HTML 117Page - ams-OSRAM AG AS7038RB Datasheet HTML 118Page - ams-OSRAM AG AS7038RB Datasheet HTML 119Page - ams-OSRAM AG AS7038RB Datasheet HTML 120Page - ams-OSRAM AG AS7038RB Datasheet HTML 121Page - ams-OSRAM AG AS7038RB Datasheet HTML 122Page - ams-OSRAM AG AS7038RB Datasheet HTML 123Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 118
LTFSTATUS (Address 0xa5)
Figure 165:
LTFSTATUS Register
Addr: 0xa5
LTFSTATUS
Bit
Bit Name
Default
Access
Bit Description
7:6
Not used
0
RO
Not used
5
ltf1_threshold_high
0
RO
The LTF1 value was above the
programmed ltf_threshold_high
register setting
4
ltf1_threshold_low
0
RO
The LTF1 value was below the
programmed ltf_threshold_low register
setting
3
ltf0_threshold_high
0
RO
The LTF0 value was above the
programmed ltf_threshold_high
register setting
2
ltf0_threshold_low
0
RO
The LTF0 value was below the
programmed ltf_threshold_low register
setting
1
ltf_sat
0
RO
Analog saturation occurred.
Note that reading this bit is optional,
as the ltfdata values are set to 0xffff in
case of saturation.
0
ltf_done
0
RO
LTF measurement completed
INTENAB (Address 0xa8)
Figure 166:
INTENAB Register
Addr: 0xa8
INTENAB
Bit
Bit Name
Default
Access
Bit Description
7
irq_led_supply_low_enab
0
RW
1: Enable led supply low interrupt
6
irq_clipdetect_enab
0
RW
1: Enable clipdetect interrupt
5
irq_fifooverflow_ena
0
RW
1: Enable fifooverflow interrupt
4
irq_fifothreshold_enab
0
RW
1: Enable fifothreshold interrupt
3
irq_adc_threshold_enab
0
RW
1: Enable irq_adc_threshold as an
interrupt source
2
irq_ltf_enab
0
RW
1: Enable LTF as an interrupt source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com