Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 120 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 120 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 116Page - ams-OSRAM AG AS7038RB Datasheet HTML 117Page - ams-OSRAM AG AS7038RB Datasheet HTML 118Page - ams-OSRAM AG AS7038RB Datasheet HTML 119Page - ams-OSRAM AG AS7038RB Datasheet HTML 120Page - ams-OSRAM AG AS7038RB Datasheet HTML 121Page - ams-OSRAM AG AS7038RB Datasheet HTML 122Page - ams-OSRAM AG AS7038RB Datasheet HTML 123Page - ams-OSRAM AG AS7038RB Datasheet HTML 124Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 119
Addr: 0xa8
INTENAB
Bit
Bit Name
Default
Access
Bit Description
1
irq_sequencer_enab
0
RW
1: Enable irq_sequencer as an
interrupt source
0
irq_adc_enab
0
RW
1: Enable irq_adc as an interrupt
source
Each of the STATUS register bits can cause an interrupt (register INTR) if the respective bit is
asserted in the INTENAB register
INTENAB2 (Address 0xa9)
Figure 167:
INTENAB2 Register
Addr: 0xa9
INTENAB2
Bit
Bit Name
Default
Access
Bit Description
7:3
Not used
0
RW
Not used
2
irq_ltf1_threshold_enab
0
RW
1: enableltf_treshold_high or
ltf_treshold_low in ltf1 as interrupt
source
1
irq_ltf0_threshold_enab
0
RW
1: enableltf_treshold_high or
ltf_treshold_low in ltf0 as interrupt
source
0
irq_ecg_threshold_enab
0
RW
1: enableecg_treshold_high or
ecg_treshold_low as interrupt source
INTR (Address 0xaa)
Figure 168:
INTR Register
Addr: 0xaa
INTR
Bit
Bit Name
Default
Access
Bit Description
7
irq_led_supply_low_intr
0
RO
6
irq_clipdetect_intr
0
RO
5
irq_fifooverflow_intr
0
RO
4
irq_fifothreshold_intr
0
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com