Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 23 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 23 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 19Page - ams-OSRAM AG AS7058 Datasheet HTML 20Page - ams-OSRAM AG AS7058 Datasheet HTML 21Page - ams-OSRAM AG AS7058 Datasheet HTML 22Page - ams-OSRAM AG AS7058 Datasheet HTML 23Page - ams-OSRAM AG AS7058 Datasheet HTML 24Page - ams-OSRAM AG AS7058 Datasheet HTML 25Page - ams-OSRAM AG AS7058 Datasheet HTML 26Page - ams-OSRAM AG AS7058 Datasheet HTML 27Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 199 page
background image
AS7058
Functional description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
23 / 199
/
7
Functional description
The AS7058 is an integrated data acquisition system ideal for several applications, including
optical heart rate measurement and pulse oximetry, ECG, respiration rate calculation, body
impedance analysis (BIA), and numerous other applications. It is designed to fulfill the
requirements of the consumer healthcare market and the medical industry.
The PPG data acquisition system supports up to eight LEDs and eight photodiode inputs and
includes two high-resolution optical readout channels with a new ambient light cancelation
feature and two high-current LED drivers to complete the system.
The ECG channel has high input impedance, low noise, high CMRR, programmable gain,
right-leg drive, lead-off detection, and a high-resolution channel.
The BioZ channel has an independent circuit to inject current into the body and to measure
voltage in return. The system contains four pins, which can be freely combined for two-
electrode current injection and two-electrode voltage measurement. The injected current is
programmable and available over a wide frequency range (1 kHz to 1 MHz) and a wide range
of current magnitudes (200 nA up to 100 µA). These ranges support GSR (galvanic skin
response), electrodermal activity (EDA) measurements, and BIA applications.
The BioZ Channel also has high input impedance, low noise, high CMRR, programmable gain,
various low-pass and high-pass filter options, a high-resolution ADC, and I and Q
measurement capability to provide magnitude and phase measurements for BIA applications.
A calibration routine to lower the external components needed is also available.
The AS7058 is fully programmable by the registers, and the digital output data is stored in a
512-word FIFO. The FIFO allows the device to be connected to a microcontroller or processor
on a shared I²C or SPI bus. They both operate in fully autonomous mode for low-power battery
applications.
The device works on a 1.8 V main supply voltage and up to 5.5 V at the LED pins. They both
have flexible timing and shutdown configurations, as well as control of individual blocks to
minimize the total power consumption during downtime to optimize the measurement with
securing a high accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com